Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MMBTA92-AE3-R

  • AI
    ## Overview of MMBTA92-AE3-R The **MMBTA92-AE3-R** is a high-voltage **PNP Epitaxial Silicon Transistor** primarily used for switching and amplification in high-voltage applications. It is commonly housed in a small surface-mount package (SOT-23). --- ### Technical Specifications | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | -300 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -300 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V | | **Collector Current (DC)** | $I_C$ | -500 | mA | | **Power Dissipation** | $P_D$ | 350 | mW | | **DC Current Gain** | $h_{FE}$ | 25 - 40 (min) | - | | **Package Type** | - | SOT-23 | - | --- ### Key Features and Electronic Characteristics 1. **High Voltage Rating:** With a $V_{CEO}$ of -300V, this transistor is designed to handle significantly higher voltages than standard general-purpose transistors (which usually cap at 40V-60V). 2. **PNP Polarity:** It is a PNP transistor, meaning it "turns on" when the base is pulled low relative to the emitter. It is often paired with the **MMBTA42** (the NPN complement). 3. **SOT-23 Packaging:** The "AE3" suffix typically refers to the SOT-23 package, making it ideal for high-density Surface Mount Technology (SMT) circuit boards. 4. **Low Capacitance:** It features low output capacitance, making it suitable for high-speed switching and video output stages. --- ### Common Applications * **Telecommunications:** Used in line switching and ringer circuits. * **Video Circuitry:** Often found in the output stages of CRT displays or high-voltage video amplifiers. * **High-Voltage Switching:** Suitable for driving small loads that operate at high DC potentials. * **Gas Discharge Display Drivers:** Used to interface with Nixie tubes or similar high-voltage indicators. --- ### Pin Configuration (SOT-23) ```text (3) Collector | ______|______ | | | | (SOT-23) | |_____________| | | (1) Base (2) Emitter ```
    ✨ Follow-up Questions
    • ⤷What is the NPN complementary transistor for the MMBTA92?
    • ⤷ Can the MMBTA92 be used in PWM switching applications for LEDs?
    • ⤷ What are the thermal considerations when using the SOT-23 version of this part?