MMDF3N06VLR2
AI

## Technical Overview: MMDF3N06VLR2
The **MMDF3N06VLR2** is a Power MOSFET device, specifically designed for high-density mounting and efficient power management. It features **Dual N-Channel** enhancement mode transistors housed in a single SOIC-8 package.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-to-Source Voltage** | $V_{DSS}$ | 60 Volts |
| **Gate-to-Source Voltage** | $V_{GS}$ | $\pm$ 20 Volts |
| **Continuous Drain Current** | $I_D$ | 3.5 Amperes |
| **Pulsed Drain Current** | $I_{DM}$ | 20 Amperes |
| **On-Resistance ($V_{GS}=10V$)** | $R_{DS(on)}$ | 0.090 $\Omega$ (Typical) |
| **Operating Junction Temp** | $T_J$ | -55 to +150 °C |
---
### 2. Functional Features
* **Logic Level Drive:** The device is designed to be triggered by low-voltage logic signals (e.g., 5V), making it compatible with microcontrollers.
* **Dual Configuration:** Contains two independent N-channel MOSFETs in a single SO-8 package, which saves PCB space and reduces component count.
* **Low On-Resistance:** Minimizes power dissipation during conduction, increasing overall system efficiency.
* **Avalanche Energy Specified:** Built to handle energy stress from inductive load switching without immediate failure.
---
### 3. Pin Configuration (SO-8 Package)
The device follows a standard SOIC-8 pinout for dual MOSFETs:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S1** | Source of MOSFET 1 |
| 2 | **G1** | Gate of MOSFET 1 |
| 3 | **S2** | Source of MOSFET 2 |
| 4 | **G2** | Gate of MOSFET 2 |
| 5, 6 | **D2** | Drain of MOSFET 2 |
| 7, 8 | **D1** | Drain of MOSFET 1 |
---
### 4. Typical Applications
The MMDF3N06VLR2 is commonly found in the following circuits:
* **DC-DC Converters:** Used as switching elements for power regulation.
* **Motor Drivers:** Specifically for small H-bridge circuits in robotics.
* **Power Management:** Serving as a load switch in portable electronics.
* **Inductive Load Switching:** Driving relays and solenoids.
---
### 5. Equivalent Circuit Representation
```mermaid
graph LR
G1[Gate 1] --- M1((MOSFET 1))
D1[Drain 1] --- M1
S1[Source 1] --- M1
G2[Gate 2] --- M2((MOSFET 2))
D2[Drain 2] --- M2
S2[Source 2] --- M2
```
- ⤷
What are the recommended replacement parts if this MOSFET is obsolete?
- ⤷ How does the thermal resistance of the SO-8 package affect its current rating?
- ⤷ Can this MOSFET be used in a 3.3V logic circuit directly?