MMF-12-R-10K
AI

The **MMF-12-R-10K** is a high-precision electronic component, specifically a **Metal Film Resistor**. This part is commonly used in precision circuits where stability and low noise are critical requirements.
---
### 1. Technical Specifications
The part number typically breaks down into the following electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Metal Film Resistor | Provides better stability than carbon composition. |
| **Resistance Value** | 10k $\Omega$ (10,000 Ohms) | The electrical resistance of the part. |
| **Power Rating** | 0.5W (1/2 Watt) | The maximum power the resistor can dissipate safely. |
| **Tolerance** | $\pm$1% or $\pm$5% | The precision of the resistance value (varies by manufacturer). |
| **Mounting Type** | Through-Hole | Designed for PCB insertion (Axial leaded). |
| **Package Size** | MMF-12 (Miniature) | A smaller form factor compared to standard 0.5W resistors. |
---
### 2. Key Electronic Features
Metal film resistors like the MMF-12 series offer specific advantages in electronic design:
* **Low Temperature Coefficient (TCR):** The resistance value remains stable even as the ambient temperature changes.
* **Low Noise:** Metal film construction generates significantly less thermal noise than carbon film, making it ideal for audio pre-amplifiers and sensitive instrumentation.
* **High Stability:** These parts undergo minimal resistance drift over their operational lifespan.
* **Miniaturization:** The "MMF-12" designation often implies a "Mini" size, allowing for 0.5W power handling in a body size typically reserved for 0.25W resistors.
---
### 3. Typical Applications
Because of its precision and power rating, the MMF-12-R-10K is found in:
1. **Voltage Dividers:** Creating precise reference voltages.
2. **Feedback Loops:** Used in Operational Amplifier (Op-Amp) circuits to set gain.
3. **Filtering:** Used in RC (Resistor-Capacitor) networks for signal processing.
4. **Audio Equipment:** Ensuring high fidelity by reducing background hiss/noise.
---
### 4. Visual Identification (Color Code)
A standard 10k $\Omega$ resistor with 1% tolerance uses a **5-band color code**:
* **Brown** (1)
* **Black** (0)
* **Black** (0)
* **Red** (x100 multiplier)
* **Brown** ($\pm$1% tolerance)
- ⤷
What is the difference between MMF and MCF resistor series?
- ⤷ Can this resistor be used in high-frequency RF applications?
- ⤷ What are the physical dimensions of an MMF-12 package?