MMZ2012D800B
AI

The **MMZ2012D800B** is a High-Frequency Chip Bead manufactured by TDK. It belongs to the MMZ series, which is designed to suppress noise (electromagnetic interference - EMI) in electronic circuits without needing a ground connection.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Series** | MMZ (Multilayer Chip Bead) |
| **Case Size** | 2012 (2.0mm x 1.25mm) / EIA 0805 |
| **Impedance** | 80 $\Omega$ at 100 MHz |
| **DC Resistance (Max)** | 0.15 $\Omega$ |
| **Rated Current (Max)** | 500 mA |
| **Operating Temp** | -55°C to +125°C |
| **Material Type** | D Material (High-frequency applications) |
---
### 2. Core Functionality
Unlike a standard inductor which stores energy, a **Ferrite Bead** like the MMZ2012D800B acts as a frequency-dependent resistor.
* **Low Frequencies:** It acts as an inductor with very low resistance, allowing the desired signal to pass through.
* **High Frequencies:** It acts as a resistor, converting high-frequency noise (EMI) into a small amount of heat, effectively filtering it out of the line.
---
### 3. Key Applications
Because this specific model uses **D-type material**, it is optimized for high-frequency noise suppression across a wide band.
* **Signal Lines:** Used in data lines for computers, peripherals, and smartphones to ensure signal integrity.
* **Power Lines:** Filtering low-current power rails to prevent noise from entering sensitive analog components.
* **General EMI:** Reducing electromagnetic radiation to meet FCC/CE regulatory requirements.
---
### 4. Part Number Breakdown
`MMZ` `2012` `D` `800` `B`
* **MMZ:** Multilayer Chip Bead.
* **2012:** Dimensions (2.0mm length x 1.25mm width).
* **D:** Material code (optimizes impedance vs. frequency curve).
* **800:** Impedance value (80 x 10^0 = 80 $\Omega$).
* **B:** Internal characteristic or packaging code.
---
- ⤷
What is the difference between D material and S material in TDK beads?
- ⤷ Can I use this bead for a power line requiring 2A of current?
- ⤷ How do I interpret the impedance vs. frequency curve for this part?