MMZ2012R121AT000
AI

The **MMZ2012R121AT000** is a Chip Bead (Ferrite Bead) manufactured by **TDK Corporation**. It is designed for noise suppression in electronic circuits by absorbing high-frequency signals and dissipating them as heat.
---
### 1. Key Technical Specifications
The following table outlines the electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Impedance (at 100 MHz)** | 120 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.15 $\Omega$ |
| **Rated Current (Max)** | 500 mA |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size (Metric)** | 2012 (2.0 x 1.25 mm) |
| **Package Size (EIA)** | 0805 |
| **Material Type** | R Material (Standard type) |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying its specific role:
1. **MMZ**: Multilayer chip bead series for general signals.
2. **2012**: Dimensions of the component (2.0mm length x 1.25mm width).
3. **R**: Material type, optimized for standard frequency ranges.
4. **121**: Impedance code. The first two digits are significant; the third is the multiplier (12 x 10^1 = **120 $\Omega$**).
5. **A**: Internal characteristic code.
6. **T000**: Packaging style (usually Taping/Reel).
---
### 3. Functional Application
The MMZ series is primarily used for **EMI (Electromagnetic Interference) Removal**. Unlike a standard inductor, which stores energy, a ferrite bead acts like a resistor at high frequencies.
#### Typical Use Cases:
* **Signal Lines:** Removing noise from data lines in consumer electronics (Smartphones, PCs).
* **Power Supplies:** Filtering high-frequency ripple in low-current DC lines.
* **I/O Ports:** Preventing electromagnetic radiation from escaping through cables.
---
### 4. Circuit Representation
In a schematic, it is represented as a bead or an inductor, but its behavior is frequency-dependent:
```yaml
# Impedance Profile Logic
Low Frequency: Acts as a low-resistance wire (Low DCR).
High Frequency: Acts as a resistor (High Impedance), converting noise to heat.
```
- ⤷
What is the difference between the R material and S material in TDK MMZ beads?
- ⤷ How do I calculate the derating for this part at temperatures above 85°C?
- ⤷ Can this part be used in high-speed automotive data lines?