MMZ2012R150AT000
AI

The **MMZ2012R150AT000** is a Chip Bead (Ferrite Bead) manufactured by **TDK Corporation**. It is specifically designed for noise suppression in electronic circuits by filtering out high-frequency electromagnetic interference (EMI).
---
## 1. Technical Specifications
Below are the key electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Impedance (at 100MHz)** | 15 $\Omega$ (±25%) |
| **DC Resistance (DCR)** | 0.05 $\Omega$ (Max) |
| **Rated Current** | 1500 mA (1.5A) |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) |
| **Package Size (Inch)** | 0805 |
| **Material Type** | R Material (Wide-band) |
---
## 2. Key Features and Behavior
The MMZ series utilizes a multilayer structure to provide high reliability and compact sizing.
### Material Characteristics (R Material)
The "R" in the part number signifies the material type. This specific material is designed for **wide-band applications**. It maintains its impedance across a broad frequency range, making it versatile for various types of noise.
### Impedance vs. Frequency
* **Low Frequency:** It acts primarily as a conductor with very low DC resistance, allowing the signal to pass with minimal loss.
* **High Frequency:** It acts as a resistor, converting high-frequency noise (EMI) into negligible heat.
---
## 3. Common Applications
Due to its high current rating (1.5A), this part is commonly used in power lines and signal lines that require noise decoupling.
* **Consumer Electronics:** Smartphones, tablets, and laptops.
* **Peripherals:** USB lines, HDMI interfaces, and display panels.
* **Power Supplies:** Decoupling for DC-DC converters to prevent switching noise from spreading.
* **Industrial:** Control boards and communication modules.
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in identifying similar parts:
`MMZ | 2012 | R | 150 | A | T000`
* **MMZ:** Multilayer Chip Bead series.
* **2012:** Dimensions (2.0mm x 1.25mm).
* **R:** Material code (Wide-band).
* **150:** Impedance value (15 $\Omega$). The first two digits are significant; the third is the multiplier ($15 \times 10^0$).
* **A:** Characteristic type.
* **T000:** Packaging code (Taping).
---
- ⤷What is the difference between R material and S material in TDK beads?
- ⤷ How do I choose the right impedance for a ferrite bead in a power line?
- ⤷ Can this part be used in automotive applications?