Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MMZ2012R300ATD25

  • AI
    The **MMZ2012R300ATD25** is a high-performance chip bead manufactured by **TDK**. It is designed specifically for noise suppression (EMI filtering) in electronic circuits. This part belongs to the MMZ series, which is known for its multi-layer structure and effectiveness across various frequency ranges. --- ### 1. Key Technical Specifications The following table outlines the electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Impedance (at 100 MHz)** | 30 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.05 $\Omega$ | | **Rated Current (Max)** | 1500 mA (1.5A) | | **Operating Temperature** | -55°C to +125°C | | **Package Size (EIA)** | 0805 | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **AEC-Q200 Compliant** | Yes (Automotive Grade) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific properties of the bead: * **MMZ**: Series Name (Multilayer Chip Bead). * **2012**: Dimensions ($2.0 \times 1.25$ mm). * **R**: Material Code (Optimized for standard frequency ranges). * **300**: Impedance value (30 $\Omega$). The first two digits are significant; the third is the multiplier. * **A**: Characteristic type. * **T**: Packaging style (Taping/Reel). * **D25**: Automotive grade suffix (indicates compliance with AEC-Q200). --- ### 3. Functional Applications The primary role of this component is to act as a **low-pass filter**, allowing DC and low-frequency signals to pass while absorbing and dissipating high-frequency noise as heat. * **Noise Suppression:** Used in signal lines and power lines to eliminate electromagnetic interference (EMI). * **Automotive Electronics:** Due to its **AEC-Q200** rating, it is suitable for Engine Control Units (ECUs), infotainment systems, and ADAS sensors. * **General Consumer Electronics:** Used in PCs, smart devices, and peripheral equipment where signal integrity is critical. --- ### 4. Circuit Example In a typical circuit, the chip bead is placed in series with the line being filtered. Unlike an inductor, which reflects noise back to the source, the ferrite material in the MMZ2012R300ATD25 absorbs the noise energy. ```spice [Power/Signal Source] ---- [MMZ2012R300ATD25] ---- [Protected Load] | (High-Freq Noise absorbed here) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'S' material codes in TDK chip beads?
    • ⤷ How does temperature affect the impedance of the MMZ2012R300ATD25?
    • ⤷ Are there smaller package alternatives to the 0805 size for this specific impedance?