MMZ2012R301AT000
AI

The **MMZ2012R301AT000** is a Chip Bead (Ferrite Bead) manufactured by **TDK Corporation**. It is specifically designed for noise suppression (EMI filtering) in electronic circuits by dissipating high-frequency noise as heat.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Impedance (at 100 MHz)** | 300 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.15 $\Omega$ |
| **Rated Current** | 600 mA |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) |
| **Package Size (Inch)** | 0805 |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the component's characteristics:
* **MMZ**: Multilayer chip bead for general signals.
* **2012**: External dimensions (Length 2.0mm x Width 1.25mm).
* **R**: Material type (R-material is optimized for standard signal lines).
* **301**: Impedance value (30 followed by 1 zero = 300 $\Omega$).
* **A**: Characteristic type (Standard).
* **T000**: Packaging style (Taping/Reel).
---
### 3. Functional Characteristics
* **Noise Suppression:** It acts as a low-pass filter. It allows DC and low-frequency signals to pass with minimal resistance but provides high impedance to high-frequency electromagnetic interference (EMI).
* **Material properties:** The "R" material offers a balanced frequency response, making it versatile for various signal line types.
* **Multilayer Construction:** The internal coil structure is created through a multilayering process, ensuring high reliability and a compact footprint.
---
### 4. Common Applications
* **Consumer Electronics:** Smart phones, tablets, and PCs.
* **Peripheral Devices:** USB lines, HDMI interfaces, and display panels.
* **General Signal Lines:** Preventing signal distortion and reducing radiated emissions in low-to-medium speed data lines.
---
- ⤷
What is the difference between R-material and S-material in TDK chip beads?
- ⤷ How does the impedance change as frequency increases for this specific part?
- ⤷ Can this bead be used on a power supply rail with 1A current?