MMZ2012R601AT000
AI

The **MMZ2012R601AT000** is a surface-mount Chip Bead (Ferrite Bead) manufactured by TDK Corporation. It is primarily used for noise suppression in electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Impedance** | 600 $\Omega$ (at 100 MHz) |
| **Impedance Tolerance** | $\pm$ 25% |
| **DC Resistance (Max)** | 0.4 $\Omega$ |
| **Rated Current (Max)** | 500 mA |
| **Operating Temp Range** | -55°C to +125°C |
| **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) |
| **Case Size (EIA)** | 0805 |
---
### 2. Physical Dimensions
The part follows the 0805 imperial standard, making it easy to handle for both automated assembly and manual prototyping.
* **Length (L):** 2.00 mm
* **Width (W):** 1.25 mm
* **Thickness (T):** 0.85 mm
---
### 3. Functional Purpose
Unlike a standard inductor which stores energy, a **Ferrite Bead** acts like a resistor at high frequencies. It dissipates high-frequency noise as heat.
* **Low Frequency:** It acts as a low-resistance conductor, allowing DC and low-frequency signals to pass through.
* **High Frequency:** The impedance increases, effectively filtering out Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI).
---
### 4. Typical Applications
The "R" material series from TDK is designed for general signal line applications. Common uses include:
1. **Mobile Devices:** Reducing noise in smartphones and tablets.
2. **Computers:** Filtering I/O ports and bus lines.
3. **Consumer Electronics:** Use in TVs, STBs, and audio equipment.
4. **Power Decoupling:** Placed in series with VCC lines to prevent noise from entering sensitive ICs.
---
### 5. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **MMZ** | Multilayer Chip Bead series |
| **2012** | Dimensions (2.0mm x 1.25mm) |
| **R** | Material type (General use) |
| **601** | Impedance value (60 $\times$ 10^1 = 600 $\Omega$) |
| **A** | Material Internal code |
| **T000** | Packaging (Taping) |
- ⤷What is the difference between the R and S material types in TDK beads?
- ⤷ How do I calculate the voltage drop across this bead at 500mA?
- ⤷ Can this part be used for high-speed data lines like USB 3.0?