Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MMZ2012R601ATD25

  • AI
    The **MMZ2012R601ATD25** is a high-performance chip bead (ferrite bead) manufactured by **TDK Corporation**. It is designed for noise suppression in electronic circuits by providing high impedance in specific frequency ranges. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Parameter | Value | | :--- | :--- | | **Manufacturer** | TDK Corporation | | **Impedance (at 100 MHz)** | 600 $\Omega$ ± 25% | | **DC Resistance (Max)** | 0.25 $\Omega$ | | **Rated Current** | 500 mA | | **Operating Temperature** | -55°C to +125°C | | **Case Size (EIA/Metric)** | 0805 / 2012 | | **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 0.85mm | | **Automotive Grade** | AEC-Q200 Qualified | --- ## 2. Key Features and Functions The MMZ series is engineered using a multilayer fabrication process. * **Noise Suppression:** It acts as a low-pass filter, allowing DC and low-frequency signals to pass while dissipating high-frequency electromagnetic interference (EMI) as heat. * **AEC-Q200 Compliance:** The "D25" suffix typically indicates automotive grade reliability, meaning it is tested for high vibration and extreme temperature cycles. * **"R" Material Type:** The "R" in the part number indicates a specific frequency characteristic tailored for standard signal lines where moderate impedance is needed across a wide range. --- ## 3. Deciphering the Part Number To understand this specific variant, the part number can be broken down as follows: | Segment | Meaning | | :--- | :--- | | **MMZ** | Multilayer Chip Bead Series | | **2012** | Dimensions (2.0mm x 1.2mm) | | **R** | Material type (frequency characteristic) | | **601** | Impedance value (60 x $10^1 = 600 \Omega$) | | **A** | Internal Code / Design | | **T** | Packaging (Tape and Reel) | | **D25** | Automotive Grade / Special Specification | --- ## 4. Typical Applications * **Automotive Electronics:** Engine control units (ECUs), infotainment systems, and ADAS sensors. * **Consumer Electronics:** Filtering noise in mobile devices and tablets. * **Industrial:** Noise reduction on power supply lines and signal input/output interfaces.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'S' material types in TDK MMZ beads?
    • ⤷ How does the impedance change at frequencies higher than 100 MHz?
    • ⤷ Can this bead be used for power supply decoupling?