Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MMZ2012S121AT000

  • AI
    ## Technical Overview: MMZ2012S121AT000 The **MMZ2012S121AT000** is a surface-mount Chip Bead (Ferrite Bead) manufactured by **TDK Corporation**. It belongs to the MMZ series, which is designed for noise suppression in signal lines. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Impedance (at 100MHz)** | 120 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.15 $\Omega$ | | **Rated Current** | 600 mA | | **Operating Temperature** | -55°C to +125°C | | **Package Size (EIA/Metric)** | 0805 / 2012 (2.0mm x 1.25mm) | | **Material Type** | S material (Standard type) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying its specific characteristics: * **MMZ**: Multilayer chip bead for signal lines. * **2012**: Dimensions (Length 2.0mm x Width 1.25mm). * **S**: Material type (Standard frequency characteristics). * **121**: Impedance value (12 + one zero = 120 Ohms). * **A**: Feature code. * **T000**: Packaging style (Taping). --- ### 3. Functional Purpose Unlike a standard inductor which stores energy, a **Ferrite Bead** like the MMZ2012S121AT000 acts as a frequency-dependent resistor. * **Low Frequency:** It exhibits low impedance, allowing the desired signal to pass with minimal attenuation. * **High Frequency:** It converts high-frequency electromagnetic interference (EMI) noise into heat, effectively filtering out "noise" from the circuit. --- ### 4. Applications This specific part is commonly found in: * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Peripherals:** USB lines, HDMI ports, and display panels. * **General Purpose:** Any PCB where EMI suppression is required on low-to-medium speed signal lines. --- ### 5. Land Pattern (Reflow Soldering) When designing a PCB for this part, use the following approximate dimensions: ```markdown Dimension | Value (mm) ----------|----------- A | 0.8 to 1.2 B | 0.8 to 1.2 C | 0.9 to 1.6 ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'S' and 'Y' material types in the MMZ series?
    • ⤷ How does the impedance change as the signal frequency increases above 100MHz?
    • ⤷ Can this chip bead be used for power supply decoupling
    • ⤷ or is it strictly for signal lines?