Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MMZ2012S181A

  • AI
    ## Detailed Technical Analysis: MMZ2012S181A The **MMZ2012S181A** is a High-Z (High Impedance) chip bead from TDK’s MMZ series. It is primarily used for noise suppression in electronic circuits, functioning as a low-pass filter to eliminate high-frequency electromagnetic interference (EMI). --- ### 1. Key Specifications The following table summarizes the electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | TDK Corporation | | **Impedance (at 100MHz)** | 180 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.20 $\Omega$ | | **Rated Current** | 600 mA | | **Operating Temperature** | -55°C to +125°C | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Package Size (Inch)** | 0805 | --- ### 2. Functional Characteristics The MMZ2012S181A is designed with specific materials to target noise frequencies effectively: * **Multilayer Structure:** It is manufactured by layering ferrite paste and internal conductive paste, providing high reliability and compact size. * **Impedance Profile:** While the "181" code indicates $180 \Omega$ at 100MHz, the impedance increases as frequency rises, converting high-frequency noise energy into heat via the resistive properties of the ferrite. * **Standard Type (S-series):** The "S" designation indicates a standard frequency characteristic, making it a versatile general-purpose filter for various signal lines. --- ### 3. Application Areas This component is widely used in signal line noise removal for: 1. **Consumer Electronics:** Smart phones, tablets, and PCs. 2. **Peripherals:** Printers, scanners, and external hard drives. 3. **Digital Appliances:** Smart TVs and gaming consoles. 4. **I/O Interfaces:** Filtering noise on USB, HDMI, and other data transmission lines. --- ### 4. Part Number Breakdown The nomenclature follows a specific logic: | Code | Meaning | | :--- | :--- | | **MMZ** | Multilayer chip bead for signal lines | | **2012** | Dimensions: 2.0mm (L) x 1.25mm (W) | | **S** | Material type (Standard frequency) | | **181** | Impedance code: $18 \times 10^1 = 180 \Omega$ | | **A** | Packaging style/Special characteristic code | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the S-type and R-type ferrite beads in the MMZ series?
    • ⤷ How does the rated current affect the choice of a ferrite bead?
    • ⤷ Can this part be used in power supply lines instead of signal lines?