MMZ2012S301A
AI

## Overview of MMZ2012S301A
The **MMZ2012S301A** is a Surface Mount Device (SMD) Chip Bead from the MMZ series, manufactured by **TDK Corporation**. It is primarily used for noise suppression in electronic circuits, specifically designed to eliminate high-frequency noise from signal lines.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Ferrite Chip Bead |
| **Case Code (EIA)** | 0805 |
| **Case Code (Metric)** | 2012 |
| **Impedance (at 100 MHz)** | 300 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.20 $\Omega$ |
| **Rated Current (Max)** | 600 mA |
| **Operating Temperature** | -55°C to +125°C |
---
### Key Features and Functions
1. **Noise Suppression:** It functions by acting as a high-frequency resistor. It converts high-frequency electromagnetic interference (EMI) noise into heat, preventing it from affecting sensitive components.
2. **Multilayer Construction:** The internal structure consists of multiple layers of conductive and ferrite material, allowing for a compact size with high impedance.
3. **Frequency Characteristics:** The "S" material classification indicates a "Standard" type frequency characteristic, making it versatile for general signal line noise across various frequencies.
4. **Size:** The 2012 metric size (2.0mm x 1.25mm) is an industry standard, balancing ease of handling with space efficiency.
---
### Typical Applications
* **Consumer Electronics:** Mobile phones, tablets, and portable gaming consoles.
* **Computing:** LPDDR memory lines, CPU peripheral circuits, and USB lines.
* **Audio/Video:** Preventing noise in signal processing circuits to improve signal integrity.
* **Industrial:** Noise filtering for sensors and communication interfaces.
---
### Part Number Breakdown
The part number follows a specific nomenclature defined by TDK:
| Segment | Meaning |
| :--- | :--- |
| **MMZ** | Series Name (Multilayer Chip Bead) |
| **2012** | Dimensions (2.0mm x 1.25mm) |
| **S** | Material Type (Standard characteristic) |
| **301** | Impedance (30 $\times$ 10$^1$ = 300 $\Omega$) |
| **A** | Characteristic/Packaging code |
- ⤷
What is the difference between S-type and R-type materials in TDK beads?
- ⤷ How do I choose between a chip bead and an inductor for noise filtering?
- ⤷ What is the maximum voltage rating for the MMZ2012S301A?