Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MMZ2012S301ATD25

  • AI
    The **MMZ2012S301ATD25** is a high-performance chip bead (ferrite bead) manufactured by **TDK Corporation**. It is specifically designed for noise suppression in electronic circuits by dissipating high-frequency noise as heat. --- ### 1. Technical Specifications The part number provides specific details about its physical and electrical characteristics: | Property | Value | Description | | :--- | :--- | :--- | | **Impedance** | $300 \, \Omega \pm 25\%$ | Measured at $100 \text{ MHz}$ | | **DC Resistance** | $0.15 \, \Omega$ (Max) | Resistance to direct current | | **Rated Current** | $600 \text{ mA}$ | Maximum continuous current allowed | | **Case Size** | $2012$ ($0805$ inch) | $2.0 \text{mm} \times 1.25 \text{mm}$ | | **Operating Temp** | $-55^\circ\text{C}$ to $+125^\circ\text{C}$ | Standard industrial/automotive range | | **Series** | MMZ | Multi-layer chip bead for general signals | --- ### 2. Key Features * **AEC-Q200 Qualified:** This specific suffix (`TD25`) usually indicates compliance with automotive reliability standards, making it suitable for under-the-hood or in-cabin electronics. * **Multilayer Construction:** Uses internal screen-printing of conductive layers to achieve high impedance in a small form factor. * **Broadband Suppression:** The "S" material type is designed for general signal lines, providing effective noise suppression across a wide frequency range. --- ### 3. Circuit Application In a circuit diagram, this component is placed in series with the signal or power line. ```mermaid graph LR A[Input Signal/Power] --> B[MMZ2012S301ATD25] B --> C[Clean Output to IC] style B fill:#f9f,stroke:#333,stroke-width:2px ``` #### Common Uses: 1. **Power Supply Decoupling:** Removing high-frequency ripples from DC lines. 2. **Signal Integrity:** Preventing EMI (Electromagnetic Interference) from exiting a device via I/O cables. 3. **Automotive Systems:** Used in ECUs, infotainment systems, and ADAS sensors where vibration and temperature resistance are critical. --- ### 4. Part Number Breakdown * **MMZ:** Multilayer chip bead. * **2012:** Dimensions ($2.0 \times 1.2 \text{ mm}$). * **S:** Material characteristic (Standard/General). * **301:** Impedance value ($30 \times 10^1 = 300 \, \Omega$). * **A:** Characteristic type. * **T:** Taping (Packaging style). * **D25:** Specific internal code (often related to automotive grade/AEC-Q200).
    ✨ Follow-up Questions
    • ⤷ How does the impedance of this bead change at frequencies higher than 100MHz?
    • ⤷ What are the primary differences between the 'S' and 'Y' material types in the MMZ series?
    • ⤷ Can this bead be used for high-speed data lines like USB 3.0?