Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MMZ2012S400A

  • AI
    The **MMZ2012S400A** is a surface-mount multilayer chip bead manufactured by TDK. It is primarily used for noise suppression in electronic circuits by absorbing high-frequency interference and converting it into heat. ### 1. Key Technical Specifications The part number itself reveals several characteristics about the component: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Series** | MMZ | Multilayer Chip Bead for General Signals | | **Case Size** | 2012 | 2.0mm x 1.25mm (EIA 0805) | | **Impedance** | 40 $\Omega$ | Measured at 100 MHz | | **Tolerance** | $\pm$ 25% | Typical for ferrite beads | | **DC Resistance** | 0.10 $\Omega$ (Max) | Resistance to direct current | | **Rated Current** | 600 mA | Maximum continuous current allowed | | **Operating Temp** | -55°C to +125°C | Standard industrial range | --- ### 2. Functional Characteristics The MMZ2012S400A acts as a **frequency-dependent resistor**. It allows low-frequency signals (DC) to pass with minimal resistance but presents high impedance to high-frequency noise. * **Material Type (S):** The "S" designation refers to the standard type material, which offers a standard frequency response suitable for general signal lines. * **Noise Absorption:** Unlike a capacitor that shunts noise to ground, this bead dissipates noise as heat, reducing the risk of resonance in the circuit. * **Internal Structure:** It consists of a multilayer ferrite body with internal silver (Ag) conductors, requiring no ground connection. --- ### 3. Applications This specific part is widely used in various electronic devices to ensure electromagnetic compatibility (EMC): 1. **Consumer Electronics:** Smart phones, tablets, and laptops. 2. **Peripheral Devices:** USB lines, HDMI interfaces, and display panels. 3. **Signal Lines:** Suppressing noise in low-speed data lines to prevent signal distortion. --- ### 4. Typical Impedance Curve While the impedance is rated at **40 $\Omega$ at 100 MHz**, the performance changes based on the frequency of the noise: ```markdown Frequency (MHz) | Typical Impedance (Ω) ----------------|---------------------- 10 | ~8 100 | 40 500 | ~75 1000 | ~80 ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'S' material type and other TDK material types like 'Y' or 'D'?
    • ⤷ How do I calculate the power dissipation of this bead in a high-current circuit?
    • ⤷ What are the recommended soldering profiles for the 0805 (2012) package size?