MMZ2012S400AT000
AI

The **MMZ2012S400AT000** is a surface-mount multilayer chip bead manufactured by **TDK Corporation**. It is primarily used for noise suppression in electronic circuits, functioning as an electromagnetic interference (EMI) filter.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Part Series** | MMZ Series (Multi-layer Chip Bead) |
| **Case Size (EIA/Metric)** | 0805 / 2012 (2.0mm x 1.25mm) |
| **Impedance (at 100 MHz)** | 40 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.10 $\Omega$ |
| **Rated Current (Max)** | 600 mA |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Functional Characteristics
* **Noise Absorption:** Unlike standard inductors that store energy, chip beads like the MMZ series are designed to dissipate high-frequency noise as heat.
* **Impedance Profile:** At low frequencies, it acts like a resistor with low resistance. At high frequencies (specifically around 100MHz and above), the impedance rises significantly to block EMI.
* **Multilayer Structure:** The internal silver (Ag) conductors are layered within a ferrite body, providing high reliability and a compact footprint.
---
### 3. Application Areas
The MMZ2012S400AT000 is commonly found in general-purpose consumer electronics where space is a constraint and high-speed signals require cleaning.
1. **Consumer Electronics:** Smart phones, tablets, and portable gaming consoles.
2. **I/O Ports:** Filtering noise on USB lines, HDMI interfaces, and display panels.
3. **Power Supply Lines:** Decoupling noise in low-voltage DC power lines to prevent interference with sensitive ICs.
---
### 4. Part Number Breakdown
* **MMZ:** Multilayer Chip Bead
* **2012:** Dimensions (2.0mm length x 1.25mm width)
* **S:** Material Code (Standard material for general signals)
* **400:** Impedance value (40 $\Omega$)
* **A:** Characteristic type
* **T000:** Packaging style (Taping/Reel)
- ⤷
What is the difference between the 'S' and 'Y' material codes in TDK chip beads?
- ⤷ How do I calculate the power dissipation of this chip bead at its maximum rated current?
- ⤷ What are the recommended soldering profiles for the MMZ2012 series?