MMZ2012S400ATD25
AI

The **MMZ2012S400ATD25** is a high-performance chip bead (ferrite bead) manufactured by **TDK**. It is primarily used for noise suppression in electronic circuits, specifically designed to filter out high-frequency electromagnetic interference (EMI).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Impedance (at 100MHz)** | 40 $\Omega$ ($\pm$25%) |
| **DC Resistance (Max)** | 0.10 $\Omega$ |
| **Rated Current (Max)** | 600 mA |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) |
| **Package Size (Inch)** | 0805 |
| **Series** | MMZ (Multi-layer Chip Bead) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific characteristics:
* **MMZ**: Multi-layer chip bead for general signals.
* **2012**: Dimensions (Length 2.0mm x Width 1.25mm).
* **S**: Material code (S-material features standard frequency characteristics).
* **400**: Impedance value (The first two digits are significant; the third is the multiplier. $40 \times 10^0 = 40 \Omega$).
* **A**: Characteristic type.
* **T**: Packaging style (Taping/Reel).
* **D25**: Specific internal code or automotive grade/tolerance designation.
---
### 3. Functional Application
The MMZ2012S400ATD25 acts as a **low-pass filter**. It allows DC and low-frequency signals to pass through with minimal resistance, while absorbing and dissipating high-frequency noise as heat.
#### Common Uses:
* **Power Lines:** Removing ripples and high-frequency noise from DC power rails.
* **Signal Lines:** Protecting data lines (USB, HDMI, etc.) from EMI to ensure signal integrity.
* **Automotive Electronics:** Often used in ECUs and infotainment systems due to its wide temperature range and reliability.
* **Consumer Electronics:** Found in smartphones, tablets, and PCs.
---
### 4. Comparison: Inductor vs. Ferrite Bead
While they look similar, their behavior in a circuit differs:
| Feature | Inductor | Ferrite Bead (MMZ2012) |
| :--- | :--- | :--- |
| **Primary Goal** | Energy Storage | Noise Dissipation (Loss) |
| **Resistance** | Low at all frequencies | High at high frequencies |
| **Mechanism** | Reactance | Resistive at high frequencies |
---
- ⤷
What is the difference between S-material and Y-material in TDK chip beads?
- ⤷ How does the impedance change as frequency increases for this specific part?
- ⤷ Can this bead be used in high-power power supply lines?