MMZ2012S601AT000
AI

The **MMZ2012S601AT000** is a Surface Mount Device (SMD) Chip Bead, specifically a **Ferrite Bead**, manufactured by TDK Corporation. It is primarily used for Noise Suppression (EMI filtering) in electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Impedance (at 100MHz)** | 600 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.20 $\Omega$ |
| **Rated Current** | 500 mA |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size (EIA)** | 0805 |
| **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) |
| **Material Type** | S-Material (Standard type for general signals) |
---
### 2. Functional Characteristics
#### How it Works
Unlike a standard inductor which stores energy, a Ferrite Bead like the MMZ2012S601AT000 acts as a **frequency-dependent resistor**.
* **Low Frequencies:** It has low impedance and allows DC and low-frequency signals to pass with minimal loss.
* **High Frequencies:** It converts high-frequency electromagnetic interference (EMI) noise into heat, effectively filtering it out of the circuit.
#### The "S" Material Type
The "S" designation in the part number indicates a **Standard frequency characteristic**. It provides a broad frequency response, making it versatile for general-purpose noise reduction across a wide band.
---
### 3. Part Number Breakdown
The nomenclature provides specific details about the component's construction:
* **MMZ**: Multilayer Chip Bead for Signal Lines.
* **2012**: Dimensions (2.0mm length x 1.25mm width).
* **S**: Material code (Standard characteristics).
* **601**: Impedance value ($60 \times 10^1 = 600 \Omega$).
* **A**: Product internal code.
* **T000**: Packaging style (Taping/Reel).
---
### 4. Common Applications
* **Consumer Electronics:** Mobile phones, tablets, and laptops.
* **Data Lines:** Suppressing noise on USB, HDMI, or signal bus lines.
* **Power Supplies:** Low-current DC power line filtering to prevent ripple noise from affecting sensitive ICs.
* **General EMI/EMC:** Helping devices pass regulatory electromagnetic compatibility tests.
---
- ⤷
What is the difference between S-material and R-material in TDK ferrite beads?
- ⤷ How do I calculate the voltage drop across this bead based on its DC resistance?
- ⤷ Can this part be used for high-speed differential signal filtering?