MMZ2012S601ATD25
AI

The **MMZ2012S601ATD25** is a high-performance **Chip Bead** (Ferrite Bead) manufactured by TDK Corporation. It is specifically designed for noise suppression in signal lines, particularly in automotive applications where reliability and heat resistance are critical.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | TDK Corporation |
| **Series** | MMZ Series (Automotive Grade) |
| **Impedance (at 100MHz)** | 600 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.25 $\Omega$ |
| **Rated Current (Max)** | 500 mA |
| **Operating Temperature** | -55°C to +125°C |
| **Case Size (EIA/Metric)** | 0805 / 2012 |
| **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 0.85mm |
---
## 2. Key Features and Construction
### AEC-Q200 Compliance
This part is **Automotive Grade**. It has passed rigorous stress testing (vibration, thermal shock, and moisture resistance) required for use in vehicles.
### Internal Structure
The MMZ series uses a **multilayer structure**. Unlike a standard wire-wound inductor, these are created by layering ferrite paste and internal conductive paste. This allows for:
* Compact physical size.
* Excellent reliability due to the monolithic structure.
* Effective high-frequency noise absorption.
### Impedance Characteristics
At low frequencies, the component acts like a standard conductor (low resistance). As frequency increases, the impedance rises, peaking at 600 $\Omega$ around 100MHz, effectively converting high-frequency noise into heat.
---
## 3. Part Number Breakdown
The part number follows a specific nomenclature used by TDK:
| Segment | Meaning |
| :--- | :--- |
| **MMZ** | Multilayer Chip Bead |
| **2012** | Dimensions (2.0mm x 1.25mm) |
| **S** | Material Code (Standard type for general signals) |
| **601** | Impedance (60 followed by 1 zero = 600 $\Omega$) |
| **A** | Internal Code |
| **T** | Packaging (Taping / Reel) |
| **D25** | Automotive Grade Specification |
---
## 4. Typical Applications
* **Automotive ECU:** Engine control units and powertrain modules.
* **Infotainment:** Filtering noise in car audio and navigation systems.
* **Industrial Automation:** Signal line protection in high-vibration environments.
* **Power Lines:** Low-current DC power supply noise reduction.
---
- ⤷
What is the difference between the S-type and Y-type material in TDK MMZ beads?
- ⤷ How does temperature affect the impedance of the MMZ2012S601ATD25?
- ⤷ Can this ferrite bead be used for high-speed data lines like USB 3.0?