MMZ2012S800A
AI

## Overview of MMZ2012S800A
The **MMZ2012S800A** is a chip bead (ferrite bead) developed by **TDK Corporation**. It is designed specifically for noise suppression in electronic circuits by filtering out high-frequency noise while allowing desired signals to pass through.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Series** | MMZ Series (Multi-layer Chip Bead) |
| **Impedance (at 100MHz)** | 80 $\Omega$ (±25%) |
| **DC Resistance (Max)** | 0.10 $\Omega$ |
| **Rated Current (Max)** | 600 mA |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) |
| **Package Size (Inch)** | 0805 |
---
### 2. Physical and Material Characteristics
* **Multi-layer Structure:** The part is manufactured using a multi-layering process where internal conductors and ferrite layers are stacked. This creates a compact, highly reliable component.
* **Material Type (S):** The "S" in the part number signifies the material type. This specific material is designed for **Standard Application**, providing a broad frequency characteristic suitable for a wide range of noise types.
* **Terminations:** Usually features tin (Sn) plating over a nickel (Ni) barrier to ensure excellent solderability.
---
### 3. Functional Operation
A ferrite bead like the MMZ2012S800A acts as a **frequency-dependent resistor**.
1. **Low Frequency:** It exhibits low impedance (low resistance), allowing DC and low-frequency signals to pass with minimal loss.
2. **High Frequency:** It exhibits high impedance. At noise frequencies, the bead converts the electromagnetic interference (EMI) into a small amount of heat, effectively dissipating the noise.
---
### 4. Typical Applications
* **Consumer Electronics:** Mobile phones, laptops, and tablets.
* **General Use:** Signal line noise removal in household appliances.
* **Power Lines:** Decoupling and filtering in low-power supply lines.
* **Data Lines:** Preventing signal distortion in communication interfaces.
---
### 5. Part Number Breakdown
`MMZ | 2012 | S | 800 | A`
* **MMZ:** Product Series (Multilayer Chip Bead).
* **2012:** Dimensions (2.0mm x 1.25mm).
* **S:** Material Code (Standard type).
* **800:** Impedance value (80 $\Omega$). The first two digits are significant, the third is the multiplier.
* **A:** Characteristic or internal code.
- ⤷
What is the difference between the 'S' material and 'Y' or 'D' materials in TDK MMZ series?
- ⤷ How do I select the correct impedance for a ferrite bead in my circuit?
- ⤷ Can the MMZ2012S800A be used on high-speed USB data lines?