MMZ2012Y150BT
AI

The **MMZ2012Y150BT** is a surface-mount chip bead (ferrite bead) manufactured by **TDK Corporation**. It is designed for noise suppression in electronic circuits by dissipating high-frequency noise as heat.
---
### 1. Key Technical Specifications
| Parameter | Value / Characteristic |
| :--- | :--- |
| **Case Size (EIA/JIS)** | 0805 (2012 Metric) |
| **Impedance at 100 MHz** | 15 $\Omega$ ($\pm 25\%$) |
| **DC Resistance (Max)** | 0.05 $\Omega$ |
| **Rated Current (Max)** | 600 mA |
| **Operating Temperature** | -55°C to +125°C |
| **Material Series** | Y-Material (General use) |
---
### 2. Physical Dimensions
The "2012" in the part number refers to the metric dimensions:
* **Length (L):** 2.00 mm
* **Width (W):** 1.25 mm
* **Thickness (T):** 0.85 mm
---
### 3. Electronic Characteristics & Function
The MMZ series is categorized as a **Chip Bead**. Unlike a standard inductor, which stores energy, a ferrite bead is designed to be "lossy."
* **Impedance Curve:** At low frequencies, the part acts like a small inductor with low resistance. As the frequency increases towards the MHz range, the resistive component ($R$) becomes dominant.
* **Noise Absorption:** It acts as a low-pass filter. It allows DC and low-frequency signals to pass with minimal attenuation while providing high impedance to high-frequency electromagnetic interference (EMI).
* **Y-Material:** The "Y" designation indicates a standard frequency characteristic. It is effective for general signal lines where noise needs to be suppressed across a broad range of frequencies.
---
### 4. Application Areas
This specific component is commonly used in:
1. **Consumer Electronics:** Smart phones, tablets, and PCs.
2. **Signal Lines:** Suppressing noise in data lines (USB, HDMI) to prevent signal integrity issues.
3. **Power Supply Decoupling:** Used in conjunction with capacitors to filter out high-frequency ripples in power rails.
---
### 5. Part Number Breakdown
`MMZ` | `2012` | `Y` | `150` | `B` | `T`
---|---|---|---|---|---
**Series** | **Size (mm)** | **Material** | **Impedance** | **Shape** | **Packaging**
Multilayer | 2.0 x 1.25 | General Type | 15 $\times 10^0$ $\Omega$ | Standard | Tape & Reel
- ⤷
What is the difference between the 'Y' material and 'S' material in TDK MMZ beads?
- ⤷ Can this part be used in high-speed automotive applications?
- ⤷ How do I calculate the voltage drop across this bead at 600mA?