MN13811-R
AI

The **MN13811-R** is a CMOS-based voltage detection IC (often called a reset IC) manufactured by Panasonic. It is primarily used to monitor power supply voltage and provide a reset signal to microprocessors or other logic circuits when the voltage drops below a specific threshold.
---
### 1. Key Technical Specifications
The "R" suffix in the part number specifically denotes the detection voltage level and output configuration.
| Feature | Specification |
| :--- | :--- |
| **Detection Voltage ($V_{DET}$)** | 4.0V to 4.3V (approx. 4.0V) |
| **Hysteresis Width ($\Delta V_{DET}$)** | 200mV (typical) |
| **Operating Voltage ($V_{DD}$)** | 1.5V to 6.0V |
| **Current Consumption ($I_{DD}$)** | 1.0 $\mu$A (low power consumption) |
| **Output Type** | N-channel open drain |
| **Package Type** | TO-92 (Standard 3-pin) or Mini-3P |
---
### 2. Pin Configuration
The MN13811-R typically follows a standard 3-pin layout:
1. **OUT**: The output pin that sends the reset signal.
2. **VDD**: The power supply input (also the voltage being monitored).
3. **VSS**: Ground.
---
### 3. Functional Principle
The device operates based on a precise internal reference voltage and a comparator:
* **Normal State:** When the supply voltage ($V_{DD}$) is above the threshold plus hysteresis, the output remains high (or high-impedance in open-drain models).
* **Detection State:** When $V_{DD}$ falls below the detection voltage ($V_{DET}$), the output switches to **Low**.
* **Recovery:** The output remains Low until $V_{DD}$ rises above $V_{DET} + \Delta V_{DET}$ (the hysteresis voltage), ensuring the system does not "flicker" near the threshold.
---
### 4. Typical Applications
* **Microcomputer Reset:** Prevents data corruption by holding the CPU in reset during power-up or "brown-out" (voltage sag) conditions.
* **Battery Checkers:** Used to trigger a low-battery indicator.
* **Level Discriminators:** Simple circuits that need to toggle logic based on a specific voltage level.
---
### 5. Circuit Example (Open Drain)
Because the MN13811-R is an **N-channel open drain** output, it requires a pull-up resistor to function correctly with logic high levels.
```cpp
// Basic Wiring Diagram
[VDD (Power Source)] ----+---- [Pull-up Resistor] ----+---- [MCU Reset Pin]
| |
[VDD Pin] [OUT Pin]
| |
[MN13811-R IC] |
| |
[VSS Pin] -----------------------+---- [Ground]
```
- ⤷
What is the difference between the MN13811 and the MN13821 series?
- ⤷ How do I calculate the appropriate pull-up resistor value for the output pin?
- ⤷ Can this IC be used to monitor voltages higher than 6V?