MN13822-R
AI

## Overview of MN13822-R
The **MN13822-R** is a CMOS-based voltage detection IC manufactured by Panasonic. It is primarily used for power-on reset and microcomputer system monitoring to prevent erratic operations during power supply fluctuations.
---
### 1. Key Technical Specifications
The "R" suffix in the part number specifically identifies the detection voltage threshold.
| Parameter | Specification |
| :--- | :--- |
| **Detection Voltage ($V_{DL}$)** | 4.0V to 4.3V (Typ. 4.2V) |
| **Operating Voltage ($V_{DD}$)** | 1.5V to 6.0V |
| **Current Consumption ($I_{SS}$)** | 1.0 $\mu$A (Very Low Power) |
| **Output Type** | N-channel Open Drain |
| **Package Type** | MINI-3P (Similar to SOT-23) |
---
### 2. Pin Configuration
The device is housed in a small 3-pin package, making it ideal for space-constrained PCB designs.
1. **Pin 1 (OUT):** The reset output signal. Being an N-channel Open Drain, it requires a pull-up resistor to $V_{DD}$ or another logic level.
2. **Pin 2 (VDD):** Power supply input and voltage sensing pin.
3. **Pin 3 (VSS):** Ground connection.
---
### 3. Functional Mechanism
The MN13822-R acts as a "watchdog" for the power supply. Its operation follows these logic phases:
* **Low Voltage State:** If $V_{DD}$ is below the threshold (approx. 4.2V), the output (OUT) is pulled to **Low (VSS)**. This keeps the connected microcontroller in a Reset state.
* **Transition:** Once $V_{DD}$ rises above the threshold, the output switches to **High-Impedance (Hi-Z)**, allowing the external pull-up resistor to pull the reset line to "High," releasing the microcontroller to start its program.
* **Hysteresis:** The chip includes built-in hysteresis ($V_{HYS}$) to prevent "chatter" (rapid switching) if the power supply is noisy or rises slowly.
---
### 4. Typical Application Circuit
Since this is an **Open Drain** output, a pull-up resistor is mandatory for the circuit to function.
```text
VDD (Input Voltage)
|
+-------+-------+
| | |
[VDD] [R_pullup] |
| | |
MN13822-R +------> To MCU RESET Pin
| |
[OUT]-----+
|
[VSS]
|
GND
```
---
### 5. Common Use Cases
* **Microcomputer Reset:** Ensures the MCU only starts when the voltage is stable.
* **Battery Life Monitoring:** Triggers a shutdown or warning when a battery drops below 4.2V.
* **Memory Protection:** Disables Write-Enable pins on EEPROMs during power-down to prevent data corruption.
- ⤷
What is the difference between the MN13822-R and the MN13821 series?
- ⤷ How do I calculate the appropriate pull-up resistor value for the OUT pin?
- ⤷ Are there alternative packages available for this IC besides MINI-3P?