MP1110-A-RX
AI

The **MP1110-A-RX** typically refers to a component within high-performance optical communication systems, specifically a receiver module often associated with **10G/25G or high-speed wireless backhaul solutions**. It is part of a transceiver set (often paired with a TX counterpart) used to convert optical signals back into electrical signals.
---
### 1. Technical Specifications Overview
The "RX" suffix identifies this specific part as the **Receiver** unit. Below are the typical electronic characteristics found in this class of components:
| Feature | Description |
| :--- | :--- |
| **Function** | Optical-to-Electrical (O/E) Conversion |
| **Data Rate** | Typically supports up to 10.3 Gbps or 25 Gbps (model dependent) |
| **Wavelength** | Usually optimized for 1310nm or 1550nm (Single Mode) |
| **Voltage Supply** | 3.3V DC (Standard for SFP/SFP+ form factors) |
| **Interface** | High-speed differential CML (Current Mode Logic) |
---
### 2. Core Electronic Components
The internal circuitry of the MP1110-A-RX consists of several critical stages:
#### A. Photodiode (PD)
The "front end" of the receiver. It detects incoming photons and generates a proportional photocurrent. Usually, a **PIN photodiode** or an **APD (Avalanche Photodiode)** is used depending on the required sensitivity.
#### B. Transimpedance Amplifier (TIA)
Since the current from the photodiode is very weak, the TIA converts this current into a usable voltage signal while keeping noise to a minimum. This is the most sensitive part of the electronic chain.
#### C. Limiting Amplifier (LA)
The signal from the TIA varies in amplitude. The Limiting Amplifier "squares up" the signal to produce a consistent output voltage level (differential swing) regardless of the input optical power, ensuring compatibility with the next stage (usually a SerDes or FPGA).
#### D. Loss of Signal (LOS) Detection
A monitoring circuit that pulls a specific pin (LOS) high if the incoming optical power drops below a certain threshold, alerting the host system of a link failure.
---
### 3. Pinout and Connectivity
Standard receiver modules in this category generally follow the **SFP+ MSA (Multi-Source Agreement)** pin map:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 12 | **RD-** | Receiver Inverted Data Output |
| 13 | **RD+** | Receiver Non-Inverted Data Output |
| 15 | **VccR** | Receiver Power Supply (3.3V) |
| 8 | **LOS** | Loss of Signal Indicator |
---
### 4. Application Context
* **Fiber to the Home (FTTH):** Used in OLT/ONT equipment.
* **Data Centers:** High-speed interconnects between switches and servers.
* **Wireless Backhaul:** Connecting 4G/5G cell towers to the core network via fiber.
- ⤷
What is the exact sensitivity (dBm) of the MP1110-A-RX photodiode?
- ⤷ Is this module compatible with standard SFP+ cages?
- ⤷ Does the MP1110-A-RX support Digital Diagnostic Monitoring (DDM)?