MP1112-H-RX
AI

The **MP1112-H-RX** is an electronic component primarily associated with **Infrared (IR) Remote Control Receiver** modules. These devices are designed to receive infrared signals (typically from a handheld remote) and convert them into electrical pulses that a microcontroller (like Arduino or an MCU) can interpret.
---
## 1. Technical Specifications
The "RX" suffix explicitly identifies this part as a **Receiver**. Below are the typical technical characteristics found in this series:
| Parameter | Typical Value |
| :--- | :--- |
| **Operating Voltage** | 2.7V to 5.5V DC |
| **Carrier Frequency** | 38 kHz (Standard for most remotes) |
| **Reception Distance** | 10 – 15 Meters |
| **Reception Angle** | ±45 Degrees |
| **Output Level** | TTL/CMOS Compatible (Active Low) |
| **Power Consumption** | Low (approx. 0.5mA to 1.5mA) |
---
## 2. Internal Block Diagram Components
The MP1112-H-RX is not just a sensor; it is an Integrated Circuit (IC) that contains several sub-components:
1. **Photo Diode:** Captures the incoming infrared light.
2. **Preamplifier:** Boosts the weak electrical signal from the diode.
3. **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light noise.
4. **Band Pass Filter (BPF):** Specifically tuned to 38kHz to filter out sunlight or fluorescent light interference.
5. **Demodulator:** Removes the 38kHz carrier wave to leave only the data pulses.
---
## 3. Pin Configuration
The module typically features a 3-pin layout, making it easy to integrate into circuits:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **OUT** | Data Output (Connect to MCU Input) |
| 2 | **GND** | Ground (0V) |
| 3 | **VCC** | Power Supply (Typically 3.3V or 5V) |
---
## 4. Typical Application Circuit
When using this part in a design, it is recommended to use a simple RC filter to ensure power stability.
```cpp
// Example: Basic Arduino Connection Logic
int receiverPin = 2; // Connected to OUT pin of MP1112-H-RX
void setup() {
pinMode(receiverPin, INPUT);
Serial.begin(9600);
}
void loop() {
int signal = digitalRead(receiverPin);
if (signal == LOW) {
// Signal detected (Active Low)
Serial.println("IR Signal Received");
}
}
```
---
## 5. Key Features
* **High Immunity:** Excellent protection against ambient light interference.
* **Compact Design:** The "H" often denotes a horizontal mounting style or a specific small-form-factor housing.
* **PCM Compatibility:** Works with common protocols like NEC, RC5, and Sony.
- ⤷
What is the difference between the H and V versions of this component?
- ⤷ How do I filter out noise from fluorescent lights when using this receiver?
- ⤷ Can this receiver be used for high-speed data transfer or only remote control?