MP1113-5-RX
AI

The **MP1113-5-RX** is a specialized electronic component, typically identified as a **high-efficiency wireless power receiver coil/module**. It is frequently used in wireless charging applications (Qi standard or proprietary) where small form factors and precise inductance are required.
---
## 1. Core Technical Specifications
The following table highlights the general characteristics typical of this component series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Inductance (L)** | 11.3 | µH |
| **Tolerance** | ±5% | - |
| **DC Resistance (DCR)** | ~0.15 - 0.35 | Ω |
| **Mounting Type** | Surface Mount / Adhesive | - |
| **Application** | Wireless Power Transfer (RX) | - |
---
## 2. Key Component Breakdown
### A. The Magnetic Coil
The heart of the MP1113-5-RX is a finely wound copper coil.
- **Litz Wire:** It often uses multi-strand Litz wire to minimize the "Skin Effect," reducing power loss at high frequencies (typically 100-200 kHz).
- **Inductance (11.3 µH):** This specific value is tuned to match the resonance frequency of a corresponding transmitter (TX) coil to ensure maximum energy transfer.
### B. Ferrite Shielding
The coil is backed by a thin layer of **ferrite material**. This serves two critical purposes:
1. **Flux Concentration:** It directs the magnetic field lines toward the transmitter, improving coupling efficiency.
2. **EMI Protection:** It prevents the magnetic field from interfering with the internal electronics of the device (like a smartphone battery or PCB) located behind the coil.
### C. Physical Construction
- **Ultra-Thin Design:** These parts are designed to be extremely low-profile (often <1mm thick) to fit inside compact wearable devices or slim electronics.
- **Adhesive Backing:** Most versions come with a pressure-sensitive adhesive (PSA) for easy mounting to the interior of a device housing.
---
## 3. Typical Application Circuit
When integrating the MP1113-5-RX into a system, it is usually connected to a Wireless Power Receiver IC (such as those made by TI, Renesas, or Semtech).
```mermaid
graph LR
A[TX Coil] -- Magnetic Flux -- B(MP1113-5-RX Coil)
B --> C[Resonant Capacitors]
C --> D[Bridge Rectifier]
D --> E[Voltage Regulator/Charger IC]
E --> F[Battery]
```
---
## 4. Common Use Cases
* **Wearables:** Smartwatches and fitness trackers.
* **IoT Sensors:** Sealed sensors that require waterproof charging.
* **Medical Devices:** Small portable diagnostic tools.
* **Computer Peripherals:** Wireless mice or styluses.
- ⤷
What are the specific dimensions of the MP1113-5-RX module?
- ⤷ How do I calculate the resonant capacitor values for this coil?
- ⤷ What is the maximum power rating (Watts) supported by this receiver coil?