MP1113-A-RX
AI

The **MP1113-A-RX** is an electronic component primarily associated with **RF (Radio Frequency) communication**, specifically serving as a **433MHz Superheterodyne Receiver Module**. These modules are commonly used in wireless remote control systems due to their high sensitivity and stable performance.
---
### 1. Technical Specifications
The following table summarizes the key electronic characteristics of the MP1113-A-RX module:
| Parameter | Specification |
| :--- | :--- |
| **Operating Frequency** | 433.92 MHz |
| **Modulation Type** | ASK / OOK (Amplitude Shift Keying) |
| **Operating Voltage** | 3.3V - 5.5V DC |
| **Sensitivity** | -110 dBm (approx.) |
| **Current Consumption** | ~5mA |
| **Data Rate** | Up to 10 Kbps |
| **Architecture** | Superheterodyne |
---
### 2. Core Components and Architecture
The "RX" suffix denotes this is a **Receiver** unit. It typically consists of several stages:
* **LNA (Low Noise Amplifier):** Amplifies the weak 433MHz signal received by the antenna without adding significant noise.
* **Local Oscillator (LO) & Mixer:** In the superheterodyne architecture, the incoming signal is mixed with a local frequency to produce a lower, fixed **Intermediate Frequency (IF)**. This makes the signal easier to filter and demodulate.
* **Demodulator:** Extracts the digital data (1s and 0s) from the analog carrier wave.
* **Data Slicer:** A comparator circuit that squares the signal into a clean digital waveform compatible with microcontrollers (like Arduino or ESP32).
---
### 3. Pinout Description
The module usually features 4 to 5 pins in a standard 2.54mm pitch:
1. **VCC:** Power Supply (3.3V - 5V).
2. **GND:** Ground.
3. **DATA:** Digital output pin (connects to MCU GPIO).
4. **DATA (Secondary):** Often a redundant pin for the same data stream.
5. **ANT:** Solder pad for a 17.3cm wire (1/4 wave antenna).
---
### 4. Application Use Cases
* **Remote Keyless Entry (RKE):** Garage door openers and car alarms.
* **Smart Home:** Wireless doorbells, remote-controlled sockets, and light switches.
* **Security Systems:** Wireless PIR motion sensors and door/window reed switches.
* **Industrial Control:** Short-range wireless data telemetry.
---
### 5. Implementation Example
To interface this with a microcontroller, you would typically use a library like `RadioHead` or `RCSwitch`.
```cpp
// Example: Basic setup for Arduino
#include
RCSwitch mySwitch = RCSwitch();
void setup() {
Serial.begin(9600);
// Receiver connected to Interrupt 0 (Pin 2 on most Arduinos)
mySwitch.enableReceive(0);
}
void loop() {
if (mySwitch.available()) {
Serial.print("Received Value: ");
Serial.println(mySwitch.getReceivedValue());
mySwitch.resetAvailable();
}
}
```
- ⤷
What is the maximum range of the MP1113-A-RX in an open field?
- ⤷ How does a superheterodyne receiver differ from a super-regenerative receiver?
- ⤷ What type of antenna is best suited for 433MHz modules?