MP1200-0L-RV
AI

The **MP1200-0L-RV** is a specialized high-voltage power module commonly associated with industrial applications, medical equipment (like X-ray systems), or scientific research instruments. It is part of a series designed to provide stable, regulated high voltage from a low-voltage input.
---
### 1. Technical Specifications
Below are the typical electronic characteristics for the MP1200 series modules:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | Typically 24VDC ± 10% |
| **Output Voltage** | 0 to 1200V (Adjustable) |
| **Output Current** | ~8.3mA (varies by power rating) |
| **Power Rating** | 10W (standard for this frame size) |
| **Control Interface** | Analog (0-5V or 0-10V for programming) |
| **Regulation** | Load: <0.01%, Line: <0.01% |
| **Ripple/Noise** | <100mV peak-to-peak |
---
### 2. Key Electronic Components & Subsystems
The MP1200-0L-RV utilizes a sophisticated internal architecture to manage high-voltage generation safely:
#### A. DC-to-DC Converter Topology
* **Resonant Converter:** Most modules of this type use a resonant or quasi-resonant switching topology to minimize Electromagnetic Interference (EMI) and maximize efficiency.
* **Step-up Transformer:** A high-frequency ferrite core transformer increases the low-level DC input to a high-voltage AC signal.
#### B. The Multiplier Chain (Cockcroft-Walton)
* The output stage consists of a **diode-capacitor ladder network**. This rectifies the AC from the transformer and "pumps" the voltage up to the final 1200V level.
* **Components:** High-voltage ceramic capacitors and ultra-fast recovery rectifiers.
#### C. Control & Feedback Loop
* **Precision Voltage Divider:** A high-impedance resistor string samples the output voltage to provide feedback.
* **Error Amplifier:** Compares the feedback signal against the user-provided "Reference Voltage" (RV). It adjusts the PWM (Pulse Width Modulation) duty cycle to maintain the target output despite load changes.
#### D. Protection Circuitry
* **Current Limiting:** Protects the module against short circuits or arcing.
* **Arc Protection:** Specialized damping resistors to prevent internal damage during high-voltage discharge events.
---
### 3. Pinout and Interface Definitions
The "RV" suffix typically denotes **Remote Voltage** programming.
| Pin Type | Description |
| :--- | :--- |
| **Input Power** | +24VDC and Power Ground. |
| **Control (RV)** | 0-5V input to set the output from 0V to 1200V. |
| **Monitor (VMON)** | 0-5V output providing a scaled reading of the actual high voltage. |
| **Reference** | A precision +5V output provided by the module to be used with external potentiometers. |
| **HV Return** | The dedicated ground for the high-voltage output (must be kept separate from logic ground to avoid noise). |
---
### 4. Application Safety Note
> [!WARNING]
> The MP1200-0L-RV outputs **1200V DC**. Even at low currents, this voltage can be lethal. Ensure proper creepage and clearance distances (PCB spacing) and use appropriately rated high-voltage cabling.
- ⤷
What are the specific mounting requirements for the MP1200-0L-RV to prevent arcing?
- ⤷ How do I calculate the external resistor needed for the RV control pin?
- ⤷ Can this module be used in a bipolar configuration?