MP1200-6-RX
AI

The **MP1200-6-RX** is typically identified as a specialized component within the **Modular Power (MP) Series** of AC-DC configurable power supplies, often associated with brands like **Vicor** or specialized power system integrators.
Below is a detailed breakdown of its electronic characteristics and functional architecture.
---
### 1. General Specifications
The MP series is known for its modularity, allowing users to configure output voltages and currents by inserting specific modules into a chassis.
| Feature | Description |
| :--- | :--- |
| **Product Type** | Configurable AC-DC Power Supply Chassis/Module |
| **Power Rating** | Up to 1200 Watts (Total Chassis Capacity) |
| **Configuration** | Likely a 6-slot chassis or a specific output configuration |
| **Input Type** | Universal AC Input (85-264VAC) or High Voltage DC |
| **Efficiency** | Typically 80% - 90% depending on load |
---
### 2. Key Electronic Sections
#### A. Input Filtering and Rectification
* **EMI Filter:** Integrated circuits designed to suppress electromagnetic interference to comply with standards like EN55022.
* **PFC (Power Factor Correction):** Most 1200W models include active PFC to ensure a power factor near 0.99, reducing harmonic distortion on the AC line.
#### B. DC-DC Conversion Modules
The "6-RX" suffix usually refers to the internal module configuration:
* **Isolation:** Galvanic isolation between input and output to ensure safety.
* **Regulation:** Uses high-frequency switching (PWM) to maintain a stable output voltage despite fluctuations in load or input.
* **Remote Sensing:** Includes terminals to compensate for voltage drops across long output wires.
#### C. Control and Monitoring (The "RX" designation)
The "RX" often implies specific control features:
* **Remote On/Off:** Allows a logic signal to enable or disable the power output.
* **DC Good Signal:** An open-collector or relay signal indicating the output is within tolerance.
* **Parallel/Series Capability:** Logic to allow multiple modules to share current or stack voltage.
---
### 3. Protection Circuitry
The electronic design includes several layers of hardware protection:
1. **OVP (Over Voltage Protection):** Latches the unit off if the output exceeds a set threshold (usually 115-135% of nominal).
2. **OCP (Over Current Protection):** Uses current sensing resistors or Hall-effect sensors to limit current and prevent overheating.
3. **OTP (Over Temperature Protection):** Thermal thermistors mounted on the internal heatsinks shut the system down if airflow is blocked.
---
### 4. Typical Applications
* **Medical Equipment:** Low leakage current requirements.
* **Industrial Automation:** High reliability for 24/7 operation.
* **Telecommunications:** Stable DC rails for networking hardware.
---
- ⤷
What are the specific output voltage and current ratings for the '6' configuration in this model?
- ⤷ How does the cooling system (fan vs. conduction) impact the 1200W power rating?
- ⤷ Is the MP1200-6-RX compatible with PMBus or I2C communication protocols?