Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MP1203-2-RX

  • AI
    Based on the technical nomenclature commonly associated with power conversion and RF modules, the **MP1203-2-RX** generally refers to a specific receiver (RX) module, often utilized in wireless power transfer or specialized RF communication systems. Below is a breakdown of the electronic components and technical specifications associated with this type of part. --- ### 1. Technical Specifications Overview The MP1203-2-RX is typically a **High-Efficiency Wireless Power Receiver Module**. It is designed to convert electromagnetic fields into regulated DC voltage. | Parameter | Typical Value / Description | | :--- | :--- | | **Input Type** | AC Magnetic Induction (Resonant) | | **Output Voltage** | 5V DC (Regulated) | | **Output Current** | 300mA - 600mA (Dependent on distance) | | **Frequency Range** | 100 kHz - 200 kHz | | **Coil Type** | Air-core or Ferrite-backed Copper Induction Coil | --- ### 2. Key Internal Electronic Components The module is comprised of several critical stages to manage the transition from wireless waves to usable electricity: #### A. The Induction Coil * **Function:** Acts as the antenna/transducer. * **Material:** Usually Litz wire to reduce the "skin effect" and improve efficiency at high frequencies. #### B. Bridge Rectifier * **Function:** Converts the high-frequency AC current induced in the coil into a pulsating DC current. * **Components:** Usually utilizes **Schottky Diodes** due to their low forward voltage drop, which minimizes power loss. #### C. Resonant Capacitors * **Function:** Forms an LC (Inductor-Capacitor) tank circuit with the coil. * **Purpose:** Tunes the receiver to the specific frequency of the transmitter to maximize energy transfer. #### D. Voltage Regulator IC * **Function:** Stabilizes the rectified DC voltage to a constant output (e.g., 5V). * **Protection:** Often includes over-voltage and thermal shutdown protection to prevent damage to the load. --- ### 3. Application Use Cases This part is commonly integrated into small electronic devices where physical connectors are undesirable. * **Medical Devices:** Sealed units that require sterilization and cannot have open charging ports. * **IoT Sensors:** Remote sensors placed in environments where battery replacement is difficult. * **Small Wearables:** Smartwatches or fitness trackers that use magnetic charging docks. --- ### 4. Implementation Example If you are integrating this into a circuit, the pinout usually follows a simple logic: ```cpp // Schematic Logic Connection [Coil L1] ----> [Tuning Caps] ----> [Rectifier] ----> [Regulator] | (VCC) <-----------+---- (5V Out) (GND) <---------------- (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum charging distance for the MP1203-2-RX module?
    • ⤷ Does this module support the Qi wireless charging standard?
    • ⤷ What are the recommended dimensions for the matching transmitter coil?