MP1210-2L-RV
AI

The **MP1210-2L-RV** is a specialized electronic component primarily categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are designed to store energy in a magnetic field and are crucial for voltage regulation and filtering in power management circuits.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the MP1210 series, here are the typical technical characteristics:
| Property | Value (Typical) | Description |
| :--- | :--- | :--- |
| **Inductance** | 1.0 µH to 10 µH | Depends on specific sub-rating |
| **Case Size** | 1210 (EIA) / 3225 (Metric) | Dimensions: 3.2mm x 2.5mm |
| **Mounting Type** | Surface Mount (SMD/SMT) | Automated PCB assembly compatible |
| **Core Material** | Ferrite or Metal Alloy | High efficiency and saturation resistance |
| **Shielding** | Magnetically Shielded | Reduces Electromagnetic Interference (EMI) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction:
* **MP:** Series prefix (typically stands for Molded Power or Metal Powder Inductor).
* **1210:** The physical dimensions (3.2mm length by 2.5mm width).
* **2L:** Often refers to the height profile (e.g., 2.0mm) or specific winding layers.
* **RV:** Indicates compliance standards or specific material formulations (e.g., RoHS compliant, Low Resistance, or Vibration resistant).
---
### 3. Common Applications
These inductors are found in circuits where space is limited but power efficiency is critical:
1. **DC-DC Converters:** Used in "Buck" or "Boost" converters to stabilize output voltage.
2. **Mobile Electronics:** Found in smartphones and tablets due to the compact 1210 footprint.
3. **Noise Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines.
4. **LED Drivers:** Managing current flow to ensure consistent brightness and longevity of LEDs.
---
### 4. Typical Internal Construction
```markdown
[ Coil Winding ] <--> [ Ferrite/Metal Core ] <--> [ Solder Terminals ]
^ ^ ^
Conducts Current Stores Magnetic Flux Connects to PCB
```
---
- ⤷What are the maximum current ratings for the MP1210 series?
- ⤷ How does a shielded inductor compare to an unshielded one in EMI-sensitive designs?
- ⤷ What is the operating temperature range for this component?