MP1210-4-RX
AI

The **MP1210-4-RX** is typically identified as a high-performance **Magnetic Proximity Sensor** or a **Magnetic Speed Sensor**. These components are frequently used in industrial automation, automotive systems, and heavy machinery to detect the presence or movement of ferrous targets.
---
### 1. Key Technical Specifications
Below are the general electronic characteristics associated with the MP1210 series:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Variable Reluctance (VR) or Magnetic Hall Effect |
| **Thread Size** | M12 x 1.0 (Metric) |
| **Output Signal** | Analog (Sine Wave) or Digital (Pulse) |
| **Housing Material** | Stainless Steel or Plated Brass |
| **Operating Temperature** | -40°C to +105°C (Standard) |
| **Connector Type** | Integrated Connector or Pigtail Lead |
---
### 2. Electronic Operating Principle
The "RX" variant usually refers to a specific sensitivity or wiring configuration. Here is how the internal electronics function:
* **Magnetic Induction:** The sensor contains an internal permanent magnet and a sensing coil. As a ferrous metal object (like a gear tooth) passes the tip, it disturbs the magnetic field.
* **Voltage Generation:** This disturbance induces a voltage in the coil. The frequency of the output voltage is directly proportional to the speed of the moving part.
* **Passive vs. Active:**
* If it is a **Passive** sensor, it requires no external power and produces a low-voltage AC signal.
* If it is an **Active** sensor (Hall Effect), it requires a DC supply (usually 5-24V) and provides a clean Square Wave output.
---
### 3. Wiring and Pinout Structure
Most M12-style sensors like the MP1210-4-RX follow a standardized color-coding or pin-mapping system:
1. **Brown (VCC):** Positive Supply Voltage (for active types).
2. **Blue (GND):** Ground/Common.
3. **Black (Signal):** The output pulses sent to the PLC or Tachometer.
4. **White (Optional):** Often used for complementary signals or shielding.
---
### 4. Common Applications
* **Engine RPM Sensing:** Measuring the speed of a flywheel or crankshaft.
* **Conveyor Systems:** Monitoring belt speed or detecting jams.
* **Flow Meters:** Detecting the rotation of internal turbines.
* **ABS Systems:** Monitoring wheel speed for anti-lock braking.
---
- ⤷
What is the maximum operating frequency for the MP1210-4-RX?
- ⤷ Does this specific model require an external pull-up resistor for signal processing?
- ⤷ What is the recommended air gap distance between the sensor tip and the target?