MP1212-1-RX
AI

The **MP1212-1-RX** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Inductor** or part of a series often utilized in RF and antenna applications. Below is a detailed breakdown of its electronic characteristics and construction.
---
### 1. Key Technical Specifications
While specific parameters can vary slightly based on the manufacturer (such as Misumi or various RF component vendors), the "1212" designation usually refers to the physical footprint.
| Feature | Description |
| :--- | :--- |
| **Package Size** | 1212 (Approx. 3.0mm x 3.0mm) |
| **Type** | Power Inductor / RF Inductor |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Termination** | Lead-free (RoHS Compliant) |
| **Application** | DC-DC Converters, Filtering, Antenna Matching |
---
### 2. Core Components and Materials
The "RX" suffix often denotes a specific tolerance or a version optimized for **receiving (RX)** circuits or specific power handling.
* **Magnetic Core:** Usually composed of **Ferrite** or **Powdered Iron**. Ferrite is used for high permeability and low eddy current losses at high frequencies.
* **Winding:** High-purity copper wire wound around the core to create the required inductance value.
* **Shielding:** Many 1212-sized inductors are "Magnetically Shielded" to prevent electromagnetic interference (EMI) with neighboring components on a dense PCB.
---
### 3. Electronic Functions
The MP1212-1-RX serves three primary roles in a circuit:
1. **Energy Storage:** In power management circuits, it stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle.
2. **Noise Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency AC noise (ripple).
3. **Impedance Matching:** In RF (RX) stages, it is used to match the impedance between the antenna and the receiver IC to ensure maximum signal strength.
---
### 4. Typical Application Circuit
When used in a buck converter or an RF filter, the part is usually placed in series with the load or as part of an LC (Inductor-Capacitor) network.
```markdown
Input V ----[ Inductor (MP1212-1-RX) ]---- Output V
|
[ Capacitor ]
|
Ground
```
---
### 5. Selection Considerations
When replacing or designing with this part, engineers look at:
* **Inductance (L):** Measured in Henries (µH).
* **DC Resistance (DCR):** Lower DCR results in higher efficiency and less heat.
* **Saturation Current (Isat):** The point where inductance drops by a specific percentage (usually 30%).
* **RMS Current (Irms):** The continuous current that causes a specific temperature rise (usually 40°C).
- ⤷What is the specific inductance value (uH) for the MP1212-1-RX?
- ⤷ How does the '1212' package size compare to '0805' in terms of power handling?
- ⤷ Is the MP1212-1-RX shielded for EMI sensitive applications?