MP1222-0-RV
AI

The **MP1222-0-RV** is an electronic component primarily associated with power induction and noise suppression, typically utilized in high-frequency applications. Based on the part numbering convention, it is an **Unshielded Power Inductor** (often referred to as a "rod-core" or "bobbin" inductor) designed for high current handling.
---
### Technical Specifications Overview
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Inductor / Choke |
| **Core Material** | Ferrite (typically Nickel-Zinc for high-frequency performance) |
| **Configuration** | Through-hole (Radial/Vertical mounting) |
| **Core Shape** | Rod or Bobbin Core |
| **Main Function** | Energy storage, signal filtering, and RFI/EMI suppression |
### Key Electronic Attributes
#### 1. Inductance & Impedance
The "1222" designation usually refers to the physical dimensions or a specific inductance code depending on the manufacturer (often associated with brands like *Fastron* or *Cyntec*). These parts are designed to maintain stable inductance even under high DC bias currents.
#### 2. Saturation Current ($I_{sat}$)
Due to the open-magnetic-circuit design (unshielded), these inductors have a high saturation point. This means they can handle significant current spikes without the ferrite core losing its magnetic properties.
#### 3. EMI Suppression
The "RV" suffix often indicates **Radial Vertical** mounting. While unshielded inductors emit more electromagnetic interference (EMI) than shielded ones, they are excellent for filtering noise out of power lines where space for a vertical component is available.
---
### Typical Applications
* **Switching Regulators:** Used in buck or boost converters to store energy.
* **Power Supplies:** Acts as a filter to smooth out ripple voltage.
* **EMI/RFI Filtering:** Suppressing high-frequency noise in consumer electronics and industrial equipment.
* **DC-DC Converters:** Integrated into circuits requiring compact, high-current power handling.
### Physical Construction
* **Winding:** Copper wire wound around a cylindrical ferrite core.
* **Coating:** Often shrink-wrapped or coated in UL-recognized polyolefin tubing for insulation and mechanical protection.
* **Termination:** Tin-plated leads for easy soldering onto Printed Circuit Boards (PCBs).
- ⤷
What are the specific inductance and current ratings for the MP1222-0-RV?
- ⤷ How does an unshielded inductor compare to a shielded one in terms of EMI?
- ⤷ What are the PCB footprint dimensions for the 'RV' mounting style?