MP1223-3L-RX
AI

The **MP1223-3L-RX** is a specialized high-performance electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a multi-phase coupled inductor module, often used in high-efficiency DC-DC converters and Voltage Regulator Modules (VRMs).
---
### 1. Key Technical Specifications
The "3L" in the part number often denotes the number of phases or windings (3 loops/phases). Below is a general technical profile for this class of component:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Inductor / Coupled Inductor |
| **Inductance Value** | Typically ranges from 50nH to 200nH per phase |
| **Saturation Current** | High (often >30A per phase) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Temp** | -40°C to +125°C |
| **Material** | Ferrite Core with low core loss |
---
### 2. Physical & Material Composition
* **Core Material:** Uses high-frequency ferrite materials designed to minimize core losses at switching frequencies above 500kHz.
* **Termination:** Lead-free (RoHS compliant) terminals, usually with tin plating for reliable reflow soldering.
* **Structure:** A multi-winding structure within a single magnetic body. This allows for "magnetic coupling" between phases, which improves transient response in CPUs and GPUs.
---
### 3. Application Areas
This component is designed for high-density power applications where space and efficiency are critical:
1. **Computing:** VCore power supplies for Intel/AMD processors.
2. **Graphics:** Power delivery for high-end NVIDIA/AMD GPUs.
3. **Data Centers:** Multi-phase buck converters for servers and networking switches.
4. **Telecom:** High-current Point-of-Load (PoL) regulators.
---
### 4. Circuit Diagram Representation
In a typical schematic, the MP1223-3L-RX acts as the energy storage element between the switching MOSFETs and the output capacitor.
```mermaid
graph LR
A[PWM Controller] --> B[MOSFET Driver]
B --> C[MP1223-3L-RX Inductor]
C --> D[Output Capacitor]
D --> E[CPU/Load]
```
---
### 5. Selection Considerations
* **DCR (DC Resistance):** Lower DCR is preferred to reduce heat generation and improve efficiency.
* **Isat (Saturation Current):** The current at which the inductance drops by a specific percentage. It must be higher than the peak ripple current.
* **Footprint:** Ensure the PCB layout matches the specific dimensions (usually measured in mm, e.g., 12x10mm).
- ⤷
What is the exact inductance value and DC resistance for the MP1223-3L-RX?
- ⤷ Can this part be substituted with a discrete 3-inductor setup?
- ⤷ What is the recommended reflow soldering profile for this SMD component?