MP1420-0-RV
AI

The **MP1420-0-RV** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) RF Power Attenuator**. It is designed to reduce the power of an electrical signal without appreciably distorting its waveform.
---
### 1. Key Technical Specifications
Based on standard industry data for the MP1420 series, the typical specifications are as follows:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fixed Chip Attenuator |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Frequency Range** | DC to 3.0 GHz (approx.) |
| **Impedance** | 50 Ohms (Standard) |
| **Power Rating** | 20 Watts (Heat sink dependent) |
| **Package Size** | 1420 (0.14 x 0.20 inches) |
| **Substrate Material** | Beryllium Oxide (BeO) or Aluminum Nitride (AlN) |
---
### 2. Functional Description
The part functions as a resistive network that dissipates high-frequency energy as heat.
* **RF Attenuation:** It reduces the amplitude of a signal by a specific decibel (dB) value (the "0" in the part number often indicates a specific revision or a placeholder for the attenuation value, e.g., 10dB, 20dB).
* **Power Handling:** The "20" in the part number usually signifies its capability to handle **20 Watts** of power, provided it is properly soldered to a PCB with adequate thermal management (vias and heat sinks).
* **Impedance Matching:** Designed to maintain a **50-ohm** environment to prevent signal reflections (VSWR) in RF circuits.
---
### 3. Physical Construction
The MP1420-0-RV is built to withstand high temperatures and maintain stability:
1. **Resistive Element:** Thick film or thin film resistive material deposited on a ceramic substrate.
2. **Termination:** Wrap-around or bottom-only metallization (usually Silver or Tin-Lead) for soldering to the transmission line.
3. **Protective Coating:** An epoxy or glass overglaze to protect the resistive element from environmental moisture and mechanical damage.
---
### 4. Common Applications
This part is commonly found in high-performance communication equipment:
* **Base Stations:** Reducing signal power before entering sensitive measurement equipment.
* **Isolators:** Used in conjunction with circulators to protect power amplifiers.
* **Test & Measurement:** Integrated into signal generators or spectrum analyzer front-ends.
* **Satellite Communications:** Power management in uplink/downlink chains.
- ⤷
What is the specific dB attenuation value for the -0-RV variant?
- ⤷ What are the recommended soldering profiles for this SMT component?
- ⤷ Does this part require a specific heat sink or thermal pad configuration?