Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MP1600-A4-RX

  • AI
    The **MP1600-A4-RX** is typically part of a modular **Linear Motor** or **Actuator system**, often associated with brands like Megritrol or specific industrial automation manufacturers. These components are designed for high-precision motion control. Below is a breakdown of the electronic and technical characteristics associated with this part. ### 1. General Specifications The MP1600-A4-RX is a high-performance linear motor module. The "RX" designation often indicates a specific winding configuration or an integrated feedback sensor type. | Feature | Description | | :--- | :--- | | **Motor Type** | Ironless Linear Motor / Actuator | | **Feedback System** | Integrated Optical or Magnetic Encoder | | **Cooling** | Natural Convection (Air-cooled) | | **Communication** | Serial or Analog (depending on the driver interface) | | **Accuracy Class** | Sub-micron to Micrometer level | --- ### 2. Key Electronic Components The functionality of the MP1600-A4-RX relies on several internal electronic subsystems: #### A. The Stator/Coil Assembly * **Winding Configuration:** Contains three-phase copper windings. In the MP1600 series, these are often encapsulated in high-thermal-conductivity epoxy. * **Thermal Protection:** Usually includes a **PTC Thermistor** or **KTY sensor** embedded in the coils to monitor temperature and prevent burnout during high-duty cycles. #### B. Feedback Electronics (The "RX" Unit) * **Optical Scale/Encoder:** The module typically houses an internal read-head. * **Signal Output:** It converts physical movement into electronic pulses (A/B Phase) or serial data (BiSS, SSI). * **Resolution:** High-resolution interpolation electronics allow for positioning increments as small as 0.1µm. #### C. Connector Interface The unit uses industrial-grade circular connectors (often M12 or M23 style) or high-density D-Sub connectors to handle: 1. **Power:** Three-phase UVW lines. 2. **Signal:** Encoder power (5V), differential signal pairs, and Hall sensor outputs. --- ### 3. Wiring and Integration To operate the MP1600-A4-RX, it must be paired with a compatible **Servo Drive**. ```yaml Wiring Configuration: - Phase U: Red/Brown - Phase V: White/Blue - Phase W: Black - Ground: Green/Yellow - Feedback: Shielded twisted pair (Encoder) ``` ### 4. Application Context Because of its electronic precision, this part is commonly used in: * **Semiconductor manufacturing:** Wafer inspection and handling. * **Medical Technology:** Precision scanning (MRI/CT table movement). * **Flat Panel Display (FPD):** Large-scale glass substrate transport. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drives for the MP1600-A4-RX?
    • ⤷ What is the maximum peak force rating for this specific model?
    • ⤷ How do I troubleshoot an 'Encoder Error' on this linear motor?