Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MP1600-A6-RV

  • AI
    The **MP1600-A6-RV** is a specialized electronic component, typically categorized as a **High-Efficiency Synchronous Step-Down (Buck) Converter** module or IC, often used in industrial and automotive applications. Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. Core Technical Specifications The device is designed to convert a higher input voltage into a stabilized lower output voltage with high energy efficiency. | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 4.5V to 16V (Standard for 12V systems) | | **Output Current** | Up to 0.6A - 1.5A (Varies by thermal dissipation) | | **Switching Frequency** | ~1.5 MHz (High frequency allows smaller inductors) | | **Efficiency** | Up to 95% | | **Package Type** | SOT23-6 or similar small-form-factor SMD | --- ### 2. Key Electronic Components & Internal Blocks The MP1600 series utilizes several internal subsystems to manage power: * **Integrated Power MOSFETs:** It contains both high-side and low-side switches. Because it is "Synchronous," it uses a MOSFET instead of a Schottky diode for the low-side, significantly reducing heat loss. * **PWM Controller:** The "Pulse Width Modulation" engine regulates the output by adjusting the duty cycle of the internal switches. * **Error Amplifier:** Constantly compares the feedback voltage (VFB) against an internal 0.6V reference to maintain voltage precision. * **Soft-Start Circuitry:** Prevents current spikes during startup, protecting the rest of the PCB components. --- ### 3. Pin Configuration (Typical 6-Pin Layout) Most variants in this family follow a standard pinout to minimize PCB footprint: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **BST** | Bootstrap. Connect a capacitor for high-side gate driver power. | | 2 | **GND** | System Ground. | | 3 | **FB** | Feedback. Connected to a resistor divider to set output voltage. | | 4 | **EN** | Enable. High level turns the chip on; Low level shuts it down. | | 5 | **IN** | Input Supply Voltage. | | 6 | **SW** | Switch Node. Connects to the external power inductor. | --- ### 4. Application Circuit Requirements To function correctly, the MP1600-A6-RV requires a few critical external passive components: 1. **Inductor (L1):** Usually between 1.0µH to 4.7µH to store energy during the switching cycle. 2. **Input/Output Capacitors:** Ceramic capacitors (X5R or X7R) to filter noise and stabilize voltage. 3. **Feedback Resistors:** Two precision resistors that define the final output voltage (e.g., converting 12V down to 3.3V). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal protection features of the MP1600 series?
    • ⤷ How do I calculate the resistor values for a specific output voltage?
    • ⤷ Can this part be used in automotive 24V systems?