MP1622-A5-RX
AI

The **MP1622-A5-RX** is a specialized high-frequency, synchronous, rectified, step-down (buck) switch-mode converter. It is part of a family of power management ICs designed by Monolithic Power Systems (MPS) to provide a compact and efficient power solution.
---
### ## Technical Specifications
Below are the primary electrical characteristics and parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4V to 16V |
| **Output Voltage Range** | 0.6V to Input Voltage (Adjustable) |
| **Continuous Output Current** | Up to 2A |
| **Switching Frequency** | 1.5 MHz (Typical) |
| **Efficiency** | Up to 95% |
| **Package Type** | SOT23-6 or similar compact footprint |
---
### ## Key Electronic Components & Features
The "A5" and "RX" suffixes usually denote specific internal configurations or packaging options. The internal architecture consists of several critical stages:
1. **Integrated MOSFETs**: It contains both a high-side and a low-side power MOSFET. This "synchronous" design eliminates the need for an external Schottky diode, reducing PCB space and improving thermal efficiency.
2. **Constant-On-Time (COT) Control**: This provides a very fast transient response. It allows the IC to react almost instantly to sudden changes in the load current without complex compensation networks.
3. **Internal Soft-Start**: Prevents large inrush currents during startup, protecting both the IC and the battery/input source.
4. **Protection Circuitry**:
* **OCP (Over-Current Protection)**: Hiccup mode to prevent damage during shorts.
* **OTP (Over-Temperature Protection)**: Shuts down the device if it exceeds safe thermal limits.
* **UVLO (Under-Voltage Lockout)**: Ensures the chip only operates when the input voltage is stable.
---
### ## Typical Application Circuit
To function, the MP1622 requires a few external passive components:
| Component | Function |
| :--- | :--- |
| **Inductor (L)** | Stores energy during the switching cycle. Usually 1.0µH to 2.2µH. |
| **Input Capacitor (Cin)** | Filters the input voltage and handles ripple current. |
| **Output Capacitor (Cout)** | Smooths the output voltage and maintains stability. |
| **Resistor Divider** | Connected to the Feedback (FB) pin to set the specific output voltage level. |
---
### ## Usage Context
The MP1622-A5-RX is commonly found in:
* **Networking Equipment**: Routers, modems, and switches.
* **Distributed Power Systems**: Converting 12V rails down to 5V, 3.3V, or 1.8V.
* **IoT Devices**: Where high efficiency and small physical footprints are mandatory.
- ⤷
What are the specific differences between the A5 and other MP1622 variants?
- ⤷ How do I calculate the resistor values for a 3.3V output?
- ⤷ What is the recommended layout for thermal dissipation in SOT23 packages?