Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MP1622-AZ-RX

  • AI
    The **MP1622-AZ-RX** is a specialized, high-efficiency power management integrated circuit (IC) developed by **Monolithic Power Systems (MPS)**. It is primarily a high-frequency, synchronous, rectified, step-down (buck) switch-mode converter with internal power MOSFETs. --- ## 1. Core Technical Specifications The MP1622 is designed to provide a compact solution for voltage regulation in space-constrained applications. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4V to 16V | | **Output Current** | Up to 2A continuous | | **Switching Frequency** | 1.5MHz | | **Package Type** | SOT563 (Ultra-compact) | | **Efficiency** | Up to 95% | | **Protection** | OCP, OVP, SCP, Thermal Shutdown | --- ## 2. Key Electronic Components & Internal Parts Inside the MP1622-AZ-RX, several critical electronic subsystems work together to manage power: ### A. Integrated MOSFETs Unlike older regulators that require external transistors, this IC integrates both the **High-Side** and **Low-Side** power MOSFETs. This reduces the PCB footprint and minimizes parasitic inductance, leading to higher efficiency. ### B. PWM Controller The heart of the IC is a Pulse Width Modulation (PWM) controller. It operates at a fixed **1.5MHz** frequency, which allows the use of very small external inductors and capacitors. ### C. Compensation Network The MP1622 uses **Constant-On-Time (COT)** control mode. This provides: * Fast transient response (reacts quickly to load changes). * Easy stabilization without complex external compensation components. ### D. Protection Circuits The IC contains several "safety" sub-parts: * **Cycle-by-cycle Current Limit:** Prevents the IC from burning out during an overcurrent event. * **Thermal Shutdown:** Shuts the device down if the internal temperature exceeds a specific threshold (typically ~150°C). * **Short Circuit Protection (SCP):** Enters "hiccup mode" to protect the load and the power source. --- ## 3. Typical Application Circuit (External Parts) To make the MP1622 functional, a few external passive components are required: ```mermaid graph LR Vin --> Cin[Input Capacitor] Cin --> MP1622 MP1622 --> L1[Inductor] L1 --> Vout Vout --> Cout[Output Capacitor] Vout --> Rfb[Feedback Resistors] Rfb --> MP1622 ``` 1. **Inductor (L1):** Typically ranges from 1.0µH to 2.2µH. 2. **Input/Output Capacitors:** Ceramic capacitors (X5R or X7R) are recommended for low ESR. 3. **Feedback Resistors:** A resistor divider sets the specific output voltage (e.g., 3.3V or 1.2V). --- ## 4. Part Number Breakdown * **MP:** Monolithic Power Systems (Manufacturer). * **1622:** Specific model series. * **AZ:** Package code (SOT563). * **RX:** Tape and Reel packaging specification. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MP1622 and the MP2315?
    • ⤷ Can the MP1622 be used for automotive grade applications?
    • ⤷ How do I calculate the feedback resistor values for a 5V output?