Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MP1702-2-RX

  • AI
    The **MP1702-2-RX** is an electronic module typically associated with wireless remote control systems, often used in consumer electronics, gate openers, or simple RF (Radio Frequency) communication links. It serves as the **receiver (RX)** component of an RF pair. --- ## 1. Core Technical Specifications The MP1702 series generally operates on common ISM (Industrial, Scientific, and Medical) bands. Below are the typical characteristics of this class of receiver: | Feature | Specification (Typical) | | :--- | :--- | | **Operating Frequency** | 315MHz or 433.92MHz | | **Operating Voltage** | 3V to 5V DC | | **Modulation Type** | ASK (Amplitude Shift Keying) / OOK (On-Off Keying) | | **Receiver Sensitivity** | Approx. -105 dBm | | **Output Type** | Digital Logic Level (High/Low) | --- ## 2. Key Internal Electronic Parts The module is composed of several critical sub-sections that allow it to capture and process wireless signals: ### A. RF Front-End (Antenna Section) * **Antenna Terminal:** A simple solder pad where a 1/4 wavelength wire is usually attached. * **LC Filter:** A combination of Inductors (L) and Capacitors (C) tuned to the specific target frequency (e.g., 433MHz) to filter out background noise. ### B. Super-Regenerative / Superheterodyne Circuit * **Active Transistor/IC:** This is the heart of the receiver. It oscillates at a high frequency to detect the presence of the incoming carrier wave. * **Quenching Circuit:** Consists of resistors and capacitors that control the "sampling" rate of the RF signal. ### C. Data Slicer / Comparator * **Op-Amp (e.g., LM358 or similar):** Because the raw signal from the RF section is weak and noisy, an operational amplifier is used as a "comparator." * **Function:** It converts the analog fluctuations into a clean square wave (Digital 1s and 0s) that a microcontroller (like Arduino or a dedicated decoder IC) can understand. --- ## 3. Pinout Description The MP1702-2-RX usually features a 4-pin or 5-pin interface: 1. **VCC:** Power Supply (Connect to 5V). 2. **DATA / OUT:** The digital output pin that sends the received signal. 3. **DATA (Optional):** Many modules provide a secondary data pin for redundancy. 4. **GND:** Ground. 5. **ANT:** Solder point for the external antenna. --- ## 4. Usage Considerations * **Decoding:** This module only provides the "raw" data stream. You need a decoder (like the PT2272 IC) or software (like the `RCSwitch` library for Arduino) to interpret the pulses. * **Interference:** Since it uses ASK/OOK modulation, it is susceptible to electrical noise from motors or Wi-Fi routers. * **Antenna Length:** For 433MHz, use a **17cm** straight wire; for 315MHz, use a **22.6cm** wire for optimal range.
    ✨ Follow-up Questions
    • ⤷What is the difference between MP1702-2-RX and the MP1702-2-TX transmitter?
    • ⤷ How do I interface the MP1702-2-RX with an Arduino?
    • ⤷ Can this module be used for secure data transmission?