MP1720-1-RX
AI

The **MP1720-1-RX** (typically associated with the MP1720 series from Monolithic Power Systems) is a high-efficiency Class-D audio power amplifier. It is designed primarily for portable applications where power consumption and board space are critical factors.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
The MP1720 is a mono, low-power audio amplifier. Its primary goal is to provide high-quality sound with minimal heat dissipation.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Amplifier Type** | Class-D |
| **Output Power** | 2.7W (at 4Ω load, 5V supply) |
| **Operating Voltage** | 2.5V to 5.5V |
| **Efficiency** | Up to 90% |
| **Signal-to-Noise Ratio (SNR)** | ~90 dB |
| **THD+N** | < 0.1% (at 1W, 8Ω) |
| **Quiescent Current** | ~4mA |
---
## 2. Key Electronic Components & Features
### A. Filterless Architecture
Unlike traditional Class-D amplifiers that require a bulky LC (Inductor-Capacitor) filter to reconstruct the audio waveform, the MP1720 uses a **filterless design**. This relies on the inherent inductance of the speaker coil to filter the high-frequency switching noise, significantly reducing the Bill of Materials (BOM) cost and PCB size.
### B. Integrated Protection Circuitry
To ensure reliability in consumer electronics, the chip includes several internal protection modules:
* **Thermal Shutdown:** Automatically turns off the device if the internal temperature exceeds a safety threshold (usually around 150°C).
* **Short-Circuit Protection:** Protects the output stage if the speaker terminals are shorted.
* **Under-Voltage Lockout (UVLO):** Prevents the chip from operating erratically if the battery voltage drops too low.
### C. Low EMI (Electromagnetic Interference)
The device utilizes specialized circuitry to minimize switching noise. This is crucial in devices with wireless connectivity (like smartphones or Bluetooth modules) to prevent the audio circuit from interfering with radio signals.
---
## 3. Pin Configuration & Hardware Layout
The "RX" suffix often refers to the specific package type (typically a QFN or MSOP package). Common pin functions include:
1. **VDD / PVCC:** Power supply input.
2. **GND / PGND:** System ground.
3. **IN+ / IN-:** Differential audio inputs (helps reject common-mode noise).
4. **OUT+ / OUT-:** Bridge-Tied Load (BTL) outputs connected to the speaker.
5. **EN / SHDN:** Enable/Shutdown pin to put the chip in a low-power sleep mode.
---
## 4. Typical Applications
Because of its small footprint and high efficiency, it is commonly found in:
* Handheld Gaming Consoles
* Portable Bluetooth Speakers
* Mobile Phones / Tablets
* Battery-powered IoT devices with voice feedback
- ⤷
What are the specific differences between the MP1720 and the MP1740 models?
- ⤷ How do you calculate the required decoupling capacitor values for this IC?
- ⤷ Can the MP1720 be used in a stereo configuration?