MP1723-1-RX
AI

The **MP1723-1-RX** is an electronic component primarily classified as a **Fiber Optic Receiver Module**. It is designed for high-speed digital data transmission, typically used in industrial automation, audio equipment, or telecommunications where electrical isolation and electromagnetic interference (EMI) immunity are required.
---
### 1. Component Overview
The module acts as the "endpoint" of an optical link. It converts incoming light signals (sent via a fiber optic cable) back into electrical signals (TTL or CMOS logic levels).
| Attribute | Specification Details |
| :--- | :--- |
| **Component Type** | Fiber Optic Receiver (Photo Receiver) |
| **Data Rate** | Typically up to 25 Mbps (Digital) |
| **Wavelength** | 650nm (Standard Red Light) |
| **Output Type** | TTL / CMOS Compatible |
| **Housing Style** | Right-angle PCB Mount (Through-hole) |
---
### 2. Internal Electronic Structure
The MP1723-1-RX is an integrated package consisting of several internal stages:
1. **Photodiode:** A high-speed PIN photodiode that detects incoming photons and generates a small photocurrent.
2. **Transimpedance Amplifier (TIA):** Converts the small photocurrent into a voltage signal.
3. **Limiting Amplifier / Comparator:** Squares the signal into a clean digital pulse, ensuring the output matches standard logic levels (0 and 1).
4. **Automatic Threshold Control (ATC):** Often included to stabilize the signal regardless of the intensity of the light received (within range).
---
### 3. Pin Configuration
Most modules in this series utilize a standard 3-pin or 5-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | Vcc | Power Supply (usually +3.3V or +5V) |
| **Pin 2** | GND | Ground Reference |
| **Pin 3** | Vout | Digital Signal Output |
---
### 4. Key Applications
* **Industrial Control:** Connecting PLCs to remote sensors in noisy environments.
* **Audio Equipment:** Used in ADAT or S/PDIF optical interfaces (TOSLINK compatible).
* **Medical Equipment:** Providing 100% electrical isolation between the patient and high-voltage circuitry.
* **Data Links:** Short-range communication between circuit boards (up to 50 meters depending on fiber quality).
---
### 5. Implementation Example
To use this part, you generally require a bypass capacitor between Vcc and GND to filter out power supply noise.
```c
// Pseudo-code representation of reading the receiver output on a Microcontroller
int rxPin = 2; // Connected to Vout of MP1723-1-RX
void setup() {
pinMode(rxPin, INPUT);
Serial.begin(115200);
}
void loop() {
int dataBit = digitalRead(rxPin);
// Process incoming optical data bit
}
```
- ⤷What is the maximum transmission distance for the MP1723-1-RX?
- ⤷ What are the specific power supply voltage requirements for this module?
- ⤷ Can this receiver be used with multi-mode or single-mode fiber?