Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MP220-R10-D

  • AI
    The **MP220-R10-D** is a specialized electronic component, typically categorized as a **high-precision, high-stability power resistor** (often part of a shunt or current-sensing series). Based on the nomenclature, it usually refers to a TO-220 style power resistor with a resistance value of **0.10 Ω (100 mΩ)**. --- ## 1. Technical Specifications Below are the typical technical parameters for the MP220-R10-D: | Feature | Specification | | :--- | :--- | | **Resistance Value** | 0.10 Ω (R10) | | **Tolerance** | ±0.5% to ±1% (D suffix usually denotes ±0.5% or specific precision) | | **Package / Case** | TO-220 (Molded) | | **Power Rating (with Heatsink)** | Up to 20W - 50W (Depends on thermal management) | | **Power Rating (Free Air)** | ~2.25W | | **Temperature Coefficient** | ±50 ppm/°C to ±100 ppm/°C | | **Operating Temperature** | -55°C to +150°C | --- ## 2. Key Electronic Features ### A. Non-Inductive Design Because these resistors are often used in high-frequency power switching or pulse applications, they are designed to have **minimal inductance**. This prevents signal distortion and voltage spikes during rapid current changes. ### B. Thermal Management The TO-220 package allows the component to be bolted directly to a metal heatsink. * **Backplane:** Usually features a copper or ceramic heat spreader. * **Isolation:** The "MP" series often features an isolated case, meaning the internal element is electrically insulated from the mounting tab. ### C. Precision Sensing The "R10" (0.10 Ohm) value is a standard for **Current Shunt Sensing**. By measuring the voltage drop across this resistor ($V = I \times R$), a microcontroller or analog circuit can determine the exact current flowing through a system. --- ## 3. Typical Applications * **Switching Power Supplies (SMPS):** Used for output current feedback and over-current protection. * **Motor Control:** Sensing the phase current in brushless DC (BLDC) motors. * **Battery Management Systems (BMS):** Monitoring charge and discharge rates in lithium-ion packs. * **Dummy Loads:** Providing a stable resistance for testing power amplifiers or power supplies. --- ## 4. Internal Construction Example ```c /* Representation of the Thermal Path */ [Resistive Element] -> [Alumina Insulator] -> [Copper Lead Frame] -> [Heatsink] ``` The internal resistive film is typically a **thick film** or **metal foil** deposited on a ceramic substrate, which is then encapsulated in an epoxy molding compound for environmental protection.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation of the MP220-R10-D without a heatsink?
    • ⤷ How does the 'D' suffix affect the tolerance compared to an 'F' suffix?
    • ⤷ Can this resistor be used in high-frequency AC applications?