MP220-R100-C
AI

Based on the part number **MP220-R100-C**, this component is a **High-Current Power Inductor**, typically manufactured by companies like Vishay (IHLP series) or generic industrial magnetics suppliers.
The alphanumeric code represents specific electrical and physical characteristics.
---
### 1. Part Number Breakdown
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **MP220** | **Series/Size** | Often indicates a molded power inductor with specific dimensions (e.g., 2.0mm x 2.5mm). |
| **R100** | **Inductance Value** | The "R" acts as a decimal point. **0.100 µH** (Microhenries). |
| **C** | **Tolerance/Rating** | Typically refers to the tolerance (e.g., ±20%) or a specific temperature/current rating grade. |
---
### 2. Technical Specifications
High-current inductors like the MP220-R100-C are engineered for high-frequency DC/DC conversion.
* **Inductance:** 0.100 µH (Low inductance implies high-speed switching applications).
* **DC Resistance (DCR):** Very low (typically in the milliohm range) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High capacity to handle current spikes without the magnetic core losing its properties.
* **Construction:** Shielded, molded construction to reduce Electromagnetic Interference (EMI) and resist mechanical shock.
---
### 3. Common Applications
These parts are vital in modern power management systems:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery.
2. **Point of Load (POL) Converters:** Step-down converters for distributed power systems.
3. **Battery Powered Devices:** High efficiency is required for smartphones and tablets.
4. **Solar Inverters:** Handling high current at high frequencies.
---
### 4. Equivalent Component Example
If you are searching for a datasheet or replacement, it often maps to the following industry standard:
```text
Type: Surface Mount Device (SMD)
Footprint: 2520 (Metric) or similar
Core Material: Composite / Carbonyl Powder
Frequency Range: Up to 5.0 MHz
```
- ⤷
What is the exact physical dimension (footprint) of the MP220 series?
- ⤷ How does the 0.100 µH inductance value affect the ripple current in a buck converter?
- ⤷ What are the recommended operating temperature ranges for this type of molded inductor?