MP33
AI

The **MP33** is a specialized electronic component, specifically a **High-Efficiency Step-Up (Boost) Converter** designed by Monolithic Power Systems (MPS). It is primarily used to drive white LED strings, typically for backlighting in small to medium-sized LCD panels (like those in handheld devices or instruments).
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the MP33:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.7V to 6V |
| **Output Voltage (Max)** | Up to 25V |
| **Switching Frequency** | ~1.3 MHz |
| **Feedback Voltage** | 0.2V (Low voltage to reduce power loss) |
| **Efficiency** | Up to 90% |
| **Package Type** | SOT23-6 or TSOT23-6 |
---
### 2. Core Internal Components
The MP33 integrates several functional blocks into a single 6-pin chip:
1. **Internal Power MOSFET:** A low-resistance N-Channel MOSFET that acts as the main switch to build up energy in the external inductor.
2. **Current Mode Control:** Uses a fixed-frequency peak current mode to provide fast transient response and easy loop compensation.
3. **Soft-Start Circuit:** Prevents high inrush currents during startup to protect the battery and the chip.
4. **Over-Voltage Protection (OVP):** Protects the device if the LED string becomes open-circuit (preventing the output voltage from rising to destructive levels).
5. **Under-Voltage Lockout (UVLO):** Ensures the chip shuts down if the input voltage is too low for stable operation.
---
### 3. Required External Components
To function as a complete boost converter circuit, the MP33 requires the following external parts:
* **Inductor (L):** Usually 4.7µH to 22µH. It stores energy when the internal switch is ON and releases it to the LEDs when the switch is OFF.
* **Schottky Diode (D):** Prevents current from flowing back from the output to the switch. High-speed switching is required.
* **Input/Output Capacitors (Cin/Cout):** Ceramic capacitors (X5R or X7R) to filter noise and stabilize the voltage.
* **Feedback Resistor (Rfb):** Sets the LED current. The chip maintains 0.2V across this resistor ($I_{LED} = 0.2V / R_{fb}$).
---
### 4. Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **SW** | Power Switch Output. Connected to the inductor and Schottky diode. |
| 2 | **GND** | Ground. |
| 3 | **FB** | Feedback Input. Regulates the LED current. |
| 4 | **EN** | Enable/Dimming Input. High = On, Low = Off. Can use PWM for dimming. |
| 5 | **OVP** | Over-Voltage Protection sense pin. |
| 6 | **IN** | Input Supply (2.7V - 6V). |
---
### 5. Application Circuit Diagram (Conceptual)
```text
[Input Vin] ---- [Inductor] ----+---- [Schottky Diode] ---- [LED String] ---+
| |
[Pin: SW] [Pin: FB]
|
[Resistor to GND]
```
---
- ⤷
How do I calculate the feedback resistor value for a specific LED current?
- ⤷ What is the maximum number of LEDs the MP33 can drive in a single string?
- ⤷ Can the MP33 be used for applications other than LED driving?