Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MP3301

  • AI
    ## MP3301: High-Efficiency White LED Driver The **MP3301** is a step-up (boost) converter designed specifically to drive white LED arrays for LCD backlighting. It is commonly found in handheld devices, GPS units, and small displays because of its small footprint and high efficiency. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Input Voltage (V_IN)** | 2.5V to 6V | | **Output Voltage (V_OUT)** | Up to 36V | | **Switching Frequency** | 1.3 MHz | | **Efficiency** | Up to 90% | | **Feedback Voltage (V_FB)** | 0.2V (200mV) | | **Package Options** | TSOT23-5, QFN-8 | --- ### 2. Core Functional Components The internal architecture of the MP3301 consists of several critical electronic stages: 1. **Internal Power MOSFET:** It features a low $R_{DS(ON)}$ N-Channel MOSFET capable of handling peak currents. 2. **Current Mode Controller:** This regulates the output by monitoring the peak current through the switch, ensuring stability across varying input voltages. 3. **1.3MHz Oscillator:** The high fixed frequency allows for the use of very small external inductors and ceramic capacitors, saving PCB space. 4. **Soft-Start Circuitry:** Prevents current inrush during startup to protect the battery and the LED string. 5. **Dimming Control:** The **EN (Enable)** pin can be used for PWM (Pulse Width Modulation) dimming to adjust LED brightness without shifting the color temperature. --- ### 3. Typical Application Circuit To function, the MP3301 requires a few standard passive components: * **Inductor (L):** Usually $4.7\mu H$ to $10\mu H$. It stores energy during the "on" cycle and releases it to the LEDs during the "off" cycle. * **Schottky Diode (D):** Necessary for rectification with low forward voltage drop. * **Sense Resistor ($R_{SET}$):** Connected between the FB pin and Ground. It determines the LED current using the formula: `I_LED = V_FB / R_SET` (where $V_{FB} = 0.2V$). ```markdown V_IN --- [Inductor] ---+--- [Diode] ---> V_OUT (LED+) | [SW Pin] (Internal MOSFET) ``` --- ### 4. Protection Features The MP3301 includes integrated safety mechanisms to prevent component failure: * **Open Load Protection (OLP):** If an LED string breaks, the output voltage is clamped to prevent the internal MOSFET from exceeding its breakdown voltage. * **Thermal Shutdown:** Shuts the device down if the internal junction temperature exceeds roughly 150°C. * **Under-Voltage Lockout (UVLO):** Prevents the chip from operating if the input voltage is too low for stable regulation.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the exact resistor value for a 20mA LED string?
    • ⤷ What are the advantages of the 1.3MHz switching frequency in this chip?
    • ⤷ Can the MP3301 be used to drive multiple parallel strings of LEDs?