MP803
AI

The **MP803** is a high-performance, monolithic, step-down (buck) switch-mode converter with built-in internal power MOSFETs. It is commonly used in power management applications where space is limited and high efficiency is required.
---
### ## 1. Key Specifications
The following table summarizes the primary electrical characteristics of the MP803:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 16V |
| **Output Current** | Up to 3A |
| **Switching Frequency** | Fixed 600kHz |
| **Efficiency** | Up to 95% |
| **Feedback Voltage** | 0.808V (±1.5%) |
| **Package Type** | SOIC-8 or QFN |
---
### ## 2. Core Electronic Components (Internal)
The MP803 integrates several critical components into a single silicon die:
1. **Power MOSFETs:** Includes a high-side N-Channel MOSFET. It utilizes a synchronous rectification architecture (in some variants) or requires an external Schottky diode to complete the circuit.
2. **Error Amplifier:** Compares the feedback voltage from the output against an internal reference (0.808V) to regulate the duty cycle.
3. **Current Sense Circuitry:** Monitors the current flowing through the MOSFET to provide cycle-by-cycle current limiting.
4. **Oscillator:** Generates a fixed 600kHz internal clock to trigger the PWM (Pulse Width Modulation) logic.
5. **Thermal Shutdown:** An internal sensor that disables the part if the junction temperature exceeds safety limits (typically ~150°C).
---
### ## 3. External Required Components
To create a functional power supply using the MP803, the following external parts are required:
* **Inductor (L):** Usually ranging from $4.7\mu H$ to $10\mu H$. It stores energy during the "on" cycle and releases it during the "off" cycle.
* **Input Capacitor ($C_{IN}$):** A low ESR ceramic capacitor (typically $10\mu F$ or $22\mu F$) to filter input noise.
* **Output Capacitor ($C_{OUT}$):** Filters the output voltage ripple.
* **Feedback Resistors ($R_1, R_2$):** A voltage divider connected to the FB pin to set the desired output voltage using the formula:
`Vout = 0.808V * [1 + (R1 / R2)]`
* **Bootstrap Capacitor ($C_{BST}$):** Usually a $10nF$ to $100nF$ capacitor required to provide the gate drive voltage for the high-side N-channel MOSFET.
---
### ## 4. Pin Configuration (SOIC-8)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **BST** | Bootstrap. Connect a capacitor to SW to drive the high-side gate. |
| 2 | **IN** | Supply Voltage input. |
| 3 | **SW** | Switch node. Connects to the inductor. |
| 4 | **GND** | Ground. |
| 5 | **FB** | Feedback input. |
| 6 | **COMP** | Compensation node for stability tuning. |
| 7 | **EN** | Enable input. Pull high to turn on. |
| 8 | **SS** | Soft-Start. Controls the ramp-up time of the output. |
---
- ⤷What are the specific differences between the MP803 and the MP2303?
- ⤷ How do I calculate the inductor value for an MP803 circuit?
- ⤷ Can the MP803 be used in a boost configuration?