AI

The **MPAU-A2M4-R** is a high-performance, industrial-grade AC-DC power supply module, commonly categorized under the **MPAU series**. These units are typically designed for modularity, high density, and reliability in medical or industrial environments.
---
### 1. General Specifications
The MPAU series is known for its configurable nature. Below are the typical electronic characteristics associated with this specific model:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 90V – 264V AC (Universal Input) |
| **Output Type** | DC (Configurable/Modular) |
| **Form Factor** | Enclosed / Rack Mountable |
| **Efficiency** | >85% - 90% (Load dependent) |
| **Protection** | Short Circuit, Overload, Overvoltage, Over-temperature |
| **Cooling** | Integrated Fan (Forced Air) |
---
### 2. Key Electronic Components & Subsystems
The MPAU-A2M4-R is composed of several critical electronic stages that ensure clean power delivery:
#### A. Input Filtering & PFC Stage
* **EMI/RFI Filter:** Uses X/Y capacitors and common-mode chokes to suppress electrical noise.
* **Active PFC (Power Factor Correction):** Corrects the phase difference between voltage and current to improve efficiency and reduce harmonic distortion.
#### B. Isolation & Conversion Stage
* **High-Frequency Transformer:** Provides galvanic isolation between the AC mains and the DC output.
* **Switching MOSFETs:** High-speed transistors (Pulse Width Modulation) that chop the input voltage to the desired levels.
#### C. Output Modules (The "M4" Designation)
* **Secondary Rectification:** Uses Schottky diodes or synchronous rectification for low-loss AC to DC conversion.
* **Filter Capacitors:** High-grade electrolytic and ceramic capacitors used to minimize ripple voltage.
---
### 3. Safety and Compliance Features
Electronic parts in this module are selected to meet stringent international standards:
1. **Medical Grade Isolation:** Often features 2x MOPP (Means of Patient Protection).
2. **Low Leakage Current:** Specialized circuitry to ensure current leakage is within safe limits for human contact.
3. **Digital Control Interface:** Many models in this series include I2C or PMBus interfaces for real-time monitoring of voltage, current, and temperature.
---
### 4. Technical Pinout/Interface (Example)
The module usually connects via a multi-pin connector or terminal block.
```json
{
"interface": "Power Module Connection",
"signals": [
"V_OUT (+)",
"V_OUT (-)",
"Remote Sense (+/-)",
"DC Good Signal",
"Inhibit/Enable"
]
}
```
---
- ⤷
What are the specific voltage and current ratings for the M4 output module?
- ⤷ Does this model support PMBus or I2C communication for remote monitoring?
- ⤷ Is the MPAU-A2M4-R certified for IEC 60601-1 medical standards?