MPAU-HLC-R
AI

The **MPAU-HLC-R** is a specific electronic component belonging to a family of high-performance magnetic parts, typically identified as a **High-Current Power Inductor**. These are commonly used in automotive, industrial, and high-efficiency power conversion applications.
---
## 1. Technical Specifications
The "MPAU" series generally refers to metal-composite shielded power inductors. Below is a breakdown of the typical electronic characteristics associated with this part number:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Metal Alloy Composite Inductor |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **Core Material** | Iron Powder / Carbonyl Iron (High Saturation) |
| **Operating Temp** | Typically -40°C to +125°C or +155°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
## 2. Key Electronic Features
### High Saturation Current ($I_{sat}$)
Due to the metal composite construction, these inductors exhibit "soft saturation" characteristics. Unlike ferrite cores that lose inductance suddenly when current exceeds a limit, the MPAU series maintains inductance more effectively under high-load transients.
### Low DC Resistance (DCR)
The internal windings are designed to minimize power loss. A low DCR is critical for:
* Improving overall power supply efficiency.
* Reducing heat generation within the circuit.
### Electromagnetic Interference (EMI) Suppression
The molded construction acts as a natural shield. This is vital for electronic parts used near sensitive sensors or communication modules, as it contains the magnetic field within the component.
---
## 3. Common Applications
The MPAU-HLC-R is frequently integrated into the following electronic systems:
* **DC-DC Converters:** Used in Point-of-Load (POL) power supplies.
* **Automotive Electronics:** Powering Advanced Driver Assistance Systems (ADAS) or infotainment units.
* **High-Current VRMs:** Voltage Regulator Modules for CPUs and GPUs.
* **Battery Powered Devices:** Where high efficiency is required to extend battery life.
---
## 4. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer (such as Cyntec or Chilisin), the code usually follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **MPAU** | Series series designation (Metal Power Alloy) |
| **HLC** | Physical size or high-loss/high-current characteristic |
| **R** | Packaging (usually indicates Tape & Reel) |
- ⤷
What are the specific inductance values available for the MPAU-HLC-R series?
- ⤷ How does a metal composite inductor compare to a traditional ferrite inductor?
- ⤷ Can you provide the footprint dimensions for this component?